Electronic Components Datasheet Search
  English  ▼

X  

2201821 Datasheet(PDF) 17 Page - PHOENIX CONTACT

Part # 2201821
Description  Series EH...F electronics housings
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201821 Datasheet(HTML) 17 Page - PHOENIX CONTACT

Back Button 2201821 Datasheet HTML 13Page - PHOENIX CONTACT 2201821 Datasheet HTML 14Page - PHOENIX CONTACT 2201821 Datasheet HTML 15Page - PHOENIX CONTACT 2201821 Datasheet HTML 16Page - PHOENIX CONTACT 2201821 Datasheet HTML 17Page - PHOENIX CONTACT 2201821 Datasheet HTML 18Page - PHOENIX CONTACT 2201821 Datasheet HTML 19Page - PHOENIX CONTACT 2201821 Datasheet HTML 20Page - PHOENIX CONTACT 2201821 Datasheet HTML 21Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Series EH...F electronics housings
106461_en_00
PHOENIX CONTACT
17 / 21
8.5
Pin strip, pitch 5 for PCB L3
Contact surface: tin. Assembly: soldering
Voltage and current depend on the installed plug terminal.
The value of the weaker component always applies. The pin
strip is made of high-temperature proof plastic. This makes
it suitable for the reflow process.
Figure 24
Base strip (example, 1933244)
Figure 25
Dimensions PST 1,3/ ...-5,0
Figure 26
Drilling diagram PST 1,3/ ...-5,0
PST 1,3/...-5,0
Ø1,3
2,8
a+5
a
a
5
2,5
Ø1,5
Dimensions
Length
2.8 mm
Pitch
5 mm
Pin dimensions
1.3 mm
Hole diameter
1.5 mm
Product
Dimen-
sion a
No. of
pos.
PST 1,3/ 4-5,0
1933202
15 mm
4
PST 1,3/ 6-5,0
1933228
25 mm
6
PST 1,3/ 8-5,0
1933244
35 mm
8
PST 1,3/ 9-5,0
1933257
40 mm
9
PST 1,3/12-5,0
1933286
55 mm
12
PST 1,3/13-5,0
1933299
60 mm
13
PST 1,3/17-5,0
1935556
80 mm
17
Technical data
Insulation material group
IIIa
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V
Connection acc. to standard
EN-VDE
Nominal current I
N
12 A
*
*
Depends on the connector used; observe derating
Maximum load current
12 A
*
Insulation material
PA
Flammability rating according to
UL 94
V0
Suitable connectors
PCB connection terminal block with screw connection
PT 1,5/... (e.g., 1755606)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com