Electronic Components Datasheet Search
  English  ▼

X  

NLM0010 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # NLM0010
Description  NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NLM0010 Datasheet(HTML) 3 Page - Infineon Technologies AG

  NLM0010 Datasheet HTML 1Page - Infineon Technologies AG NLM0010 Datasheet HTML 2Page - Infineon Technologies AG NLM0010 Datasheet HTML 3Page - Infineon Technologies AG NLM0010 Datasheet HTML 4Page - Infineon Technologies AG NLM0010 Datasheet HTML 5Page - Infineon Technologies AG NLM0010 Datasheet HTML 6Page - Infineon Technologies AG NLM0010 Datasheet HTML 7Page - Infineon Technologies AG NLM0010 Datasheet HTML 8Page - Infineon Technologies AG NLM0010 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
2
Feature Overview
NLM0011/NLM0010 product features are given here.
Product Features
Contactless Interface
•
Physical interface and Anti collision compliant to ISO/ IEC 18000-3 mode 1 (ISO/IEC 15693)
-
contactless transmission of data and supply energy
-
data rate up to 26.69 kbit/s
-
operation frequency: 13.56 MHz
-
Anti-collision method complying with ISO/IEC 18000-3 mode 1 with identification rate of up to 50 tags/s
•
AFI according ISO/IEC 18000-3 mode 1
•
Read / write distance up to 150 cm (influenced by external circuitry i.e. reader and antenna design)
Command Set
•
Support of error codes 01H, 0FH, 10H, 12H according to ISO/ IEC 18000-3 mode 1
•
If a command is sent to the NLM0011/NLM0010 which has an invalid frame length no response is returned
•
Following command set is supported:
-
Inventory (command code 01H)
-
StayQuiet (command code 02H)
-
ReadSingleBlock (command code 20H)
-
WriteSingleBlock (command code 21H)
-
Select (command code 25H)
-
ResetToReady (command code 26H)
-
WriteAFI (command code 27H)
-
LockAFI (command code 28H)
-
WriteByte (custom command - ISO command code A0H; custom embedded command code 90H)
Non Volatile Memory (NVM)
An Infineon EEPROM is used.
•
size 576 Bit
•
User area 52 bytes, organized in 13 free user blocks
•
Each block organized in 4 bytes
•
Service area 12 bytes
•
Unique chip identification number
•
Each block can be permanently locked against overwriting
•
EEPROM programming time per page < 4 ms
•
EEPROM endurance minimum 100,000 erase/write cycles
•
Data retention minimum 10 years
Supply Concept
operation mode dependent:
•
in Lighting Operation mode the chip is supplied by external voltage source
-
external supply voltage in the range of 3 … 5V
-
internal voltage regulator (LDO) is generating a stabilized internal supply
-
if external supply voltage is present, then the device cannot be supplied by harvesting energy from the
NFC field
NLM0011/ NLM0010 " NFC-PWM Series "
NFC Wireless Configuration IC with PWM Output
Feature Overview
Datasheet
3
2.0
2019-05-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com