Electronic Components Datasheet Search
  English  ▼

X  

NLM0010 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # NLM0010
Description  NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NLM0010 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button NLM0010 Datasheet HTML 3Page - Infineon Technologies AG NLM0010 Datasheet HTML 4Page - Infineon Technologies AG NLM0010 Datasheet HTML 5Page - Infineon Technologies AG NLM0010 Datasheet HTML 6Page - Infineon Technologies AG NLM0010 Datasheet HTML 7Page - Infineon Technologies AG NLM0010 Datasheet HTML 8Page - Infineon Technologies AG NLM0010 Datasheet HTML 9Page - Infineon Technologies AG NLM0010 Datasheet HTML 10Page - Infineon Technologies AG NLM0010 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
4
Pin Description
The pin description of NLM0011/NLM0010 is given here.
Table 1
Pin Description
Package Pin
Name
Type
Characteristics
Remark
1
PWM
digital Output (Push
Pull)
see Table 20
Pulse Width
Modulated signal
containing the ISET
information
2
GND
Ground
Supply
Ground
3
VCC
Power
Supply, see Table 20 Supply Voltage
4
LA
I/O
Analog
Antenna Coil A
5
LB
I/O
Analog
Antenna Coil B
NLM0011/ NLM0010 " NFC-PWM Series "
NFC Wireless Configuration IC with PWM Output
Pin Description
Datasheet
7
2.0
2019-05-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com