Electronic Components Datasheet Search
  English  ▼

X  

NLM0010 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # NLM0010
Description  NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NLM0010 Datasheet(HTML) 4 Page - Infineon Technologies AG

  NLM0010 Datasheet HTML 1Page - Infineon Technologies AG NLM0010 Datasheet HTML 2Page - Infineon Technologies AG NLM0010 Datasheet HTML 3Page - Infineon Technologies AG NLM0010 Datasheet HTML 4Page - Infineon Technologies AG NLM0010 Datasheet HTML 5Page - Infineon Technologies AG NLM0010 Datasheet HTML 6Page - Infineon Technologies AG NLM0010 Datasheet HTML 7Page - Infineon Technologies AG NLM0010 Datasheet HTML 8Page - Infineon Technologies AG NLM0010 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
-
if external supply voltage is present, NVM cannot accessed by external reader
-
the device is detecting switch off of external power supply by observing the external supply voltage
level and detecting the resulting under voltage condition. The system has stored energy - internal and
external capacitance - to save the current system status into the NVM before the power disappears.
•
in configuration mode the device is supplied from the harvested energy of the electromagnetic field of the
NFC reader.
LED Current Setpoint Definition by PWM
•
typical logical levels of PWM output are 0V (logic Low) and 2.8V (logic High)
•
period/ Frequency of PWM signal programmable between 1kHz and 30kHz
•
Duty cycle programmable between 0% and 100%
•
resolution/ granularity depends on PWM Frequency (~14.73 bit@ 1kHz; ~9.82bit@30kHz)
Operational Time Counting (OTC)
The Device is counting the operation hours and stores the value of overall operation time every 4 hours into the
NVM. The device detects a power-off event and stores the current value of operation into the NVM before the
chip is switched off.
On/ Off Counting
The device is counting the number of power on/ power off cycles and stores it in NVM.
Constant Lumen Output (CLO) (NLM0011 only)
The device is able to adjust the LED current setpoint value depending on an aging function over operating time.
The aging function is end customer defined and stored in the NVM within device configuration. The aging
function is defined between reference points. The setpoint value is interpolated between the setpoints, by
taking the actual accumulated operating time into account. This feature is not available in NLM0010.
NLM0011/ NLM0010 " NFC-PWM Series "
NFC Wireless Configuration IC with PWM Output
Feature Overview
Datasheet
4
2.0
2019-05-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com