Electronic Components Datasheet Search
  English  ▼

X  

NLM0010 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # NLM0010
Description  NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NLM0010 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button NLM0010 Datasheet HTML 4Page - Infineon Technologies AG NLM0010 Datasheet HTML 5Page - Infineon Technologies AG NLM0010 Datasheet HTML 6Page - Infineon Technologies AG NLM0010 Datasheet HTML 7Page - Infineon Technologies AG NLM0010 Datasheet HTML 8Page - Infineon Technologies AG NLM0010 Datasheet HTML 9Page - Infineon Technologies AG NLM0010 Datasheet HTML 10Page - Infineon Technologies AG NLM0010 Datasheet HTML 11Page - Infineon Technologies AG NLM0010 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
5
Functional Description
The functional description of the NLM0011 is given here.
The basic structure and functional blocks of NLM0011/NLM0010 are shown in the block diagram below.
LA
LB
Power Management and
Distribution Unit
EEPROM
NFC
EEPROM
Read Write
Control
PWM
Generator
and CLO
Interpolator
PWM
Startup and Mode Control
Clock and
Reset
Generation
Oscillator
VCC
GND
NFC
RF
Receive/
Transmit
Rx Buffer
Tx Buffer
Operation Time
Measurement
Figure 3
Block Diagram
NFC RF-Receive Transmit:
The RF and analog circuitry for contactless NFC communication is provided here. That includes voltage rectifier,
voltage regulator for energy harvesting, as well as signal modulator and demodulator.
NFC EEPROM Read/ Write Control:
That functional block provides read and write access control to the EEPROM. It supports ISO commands and
block/ page access to the NVM. It can be triggered by NFC in case of an external triggered access to the NVM or
by the start up and mode control for an internal triggered access to the NVM.
EEPROM:
NVM in EEPROM technology. Basic key figures are given inFeature Overview. Detailed description is provided in
Memory Organization
Start up and Mode Control:
This functional block detects the mode of operation and provides the proper start up for the two operating
modes. In lighting operational mode, it configures and updates the PWM Generator and counts the operational
NLM0011/ NLM0010 " NFC-PWM Series "
NFC Wireless Configuration IC with PWM Output
Functional Description
Datasheet
8
2.0
2019-05-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com