Electronic Components Datasheet Search
  English  ▼

X  

NLM0010 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # NLM0010
Description  NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NLM0010 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button NLM0010 Datasheet HTML 5Page - Infineon Technologies AG NLM0010 Datasheet HTML 6Page - Infineon Technologies AG NLM0010 Datasheet HTML 7Page - Infineon Technologies AG NLM0010 Datasheet HTML 8Page - Infineon Technologies AG NLM0010 Datasheet HTML 9Page - Infineon Technologies AG NLM0010 Datasheet HTML 10Page - Infineon Technologies AG NLM0010 Datasheet HTML 11Page - Infineon Technologies AG NLM0010 Datasheet HTML 12Page - Infineon Technologies AG NLM0010 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
hours. It updates the NVM by operational hours periodically or if the chip underruns a undervoltage emergency
threshold limit. It interpolates the CLO setting as well, according to the configured aged function . The
interpolation result changes the PWM frequency and duty cycle parameter dynamically, which are delivered to
the PWM generator. In configuration mode it provides NFC reader access to the NVM and responds to NFC
reader commands. It is implemented as a hard coded finite state machine.
PWM Generator and CLO Interpolator:
That functional block is configured by the start up and mode control with the PWM period and duty cycle
setting. It is only active in lighting operational mode and generates the PWM output according to configuration
and CLO until the chip is switched off (CLO function is only available in NLM0011).
Power Management and Distribution:
This unit includes the voltage regulators and under voltage lockout detection and control function. The chip can
either be supplied by energy harvested from the NFC field or by an external VCC source. In case an external
VCCsource is present the NLM0011 chip enters the lighting operational mode and no NFC operation incl. energy
harvesting is possible anymore.
Clock and Reset Generation/ Oscillator:
Internal clocks and resets are generated here. Architectural clock gating control is done as well. In configuration
mode the clock of 13,56 MHz is derived from the external NFC carrier by a clock recovery unit within the NFC
Transceiver. In lighting operational mode the clock is provided by internal oscillator running at 27,12MHz.
NLM0011/ NLM0010 " NFC-PWM Series "
NFC Wireless Configuration IC with PWM Output
Functional Description
Datasheet
9
2.0
2019-05-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com