Electronic Components Datasheet Search
  English  ▼

X  

NLM0010 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # NLM0010
Description  NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NLM0010 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button NLM0010 Datasheet HTML 6Page - Infineon Technologies AG NLM0010 Datasheet HTML 7Page - Infineon Technologies AG NLM0010 Datasheet HTML 8Page - Infineon Technologies AG NLM0010 Datasheet HTML 9Page - Infineon Technologies AG NLM0010 Datasheet HTML 10Page - Infineon Technologies AG NLM0010 Datasheet HTML 11Page - Infineon Technologies AG NLM0010 Datasheet HTML 12Page - Infineon Technologies AG NLM0010 Datasheet HTML 13Page - Infineon Technologies AG NLM0010 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
6
Memory Organization
The EEPROM structure and Organization is described here.
In general the EEPROM memory is organized in 18 blocks each with a block size of 4 byte. Blocks 00Hh to 0CH are
freely available for user and application data. Blocks 0DH to 11H are used to store chip configuration and
individualization data.
3
2
1
0
Bit[31:24]
Bit[23:16]
Bit[15:8]
Bit[7:0]
Byte and Bit Index of a block
Block address
Block Lock Information (2 bits per block)
11H
Service Data
10H
0FH
UID[63:32]
0EH
UID[31:0]
0DH
Service Area
AFI
Service Data
Application
and User
Area
0CH
0BH
...
01H
00H
Application and User Data
Application and User Data
Application and User Data
Application and User Data
Application and User Data
Figure 4
General Memory Structure
In NLM0011/ NLM0010 product the EEPROM is utilized as follows:
The UID Structure 0EH/ 0DH
The UID record contains the User Identification data, which is defined by the ISO/ IEC standard and Infineon.
Table 2
UID Block 0EH
Bit index of UID / Description
[63:56]
[55:48]
[47:40]
[39:32]
ISO E0H
ISO IFX 05H
Family Code Byte
UID[39:32]
Table 3
UID Block 0DH
Bit index of UID / Description
[31:0]
UID[31:0]
NLM0011/ NLM0010 " NFC-PWM Series "
NFC Wireless Configuration IC with PWM Output
Memory Organization
Datasheet
10
2.0
2019-05-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com