Electronic Components Datasheet Search
  English  ▼

X  

NLM0010 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # NLM0010
Description  NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NLM0010 Datasheet(HTML) 5 Page - Infineon Technologies AG

  NLM0010 Datasheet HTML 1Page - Infineon Technologies AG NLM0010 Datasheet HTML 2Page - Infineon Technologies AG NLM0010 Datasheet HTML 3Page - Infineon Technologies AG NLM0010 Datasheet HTML 4Page - Infineon Technologies AG NLM0010 Datasheet HTML 5Page - Infineon Technologies AG NLM0010 Datasheet HTML 6Page - Infineon Technologies AG NLM0010 Datasheet HTML 7Page - Infineon Technologies AG NLM0010 Datasheet HTML 8Page - Infineon Technologies AG NLM0010 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
3
Application Overview
The intended application use case is explained here.
The application use case of NLM0011/NLM0010 in lighting operation mode looks like that :
Current Adjustable LED
Driver IC
ISET
IADJ
ADIMM
LA
LB
GND
PWM
VCC
R1
C1
CVCC
VCC
NFC
Figure 1
NLM0011 Application View
The NLM0011/NLM0010 chip is connected to the LED driver circuit. The driver circuit controls the current of the
LEDs. The setpoint value of the current is stored in integrated NVM of the NLM0011/NLM0010. According to the
NVM content the NLM0011/NLM0010 generates a PWM output, which corresponds to the value of the setpoint.
Usually the PWM data pulses are converted into an analog voltage by an external R/C circuitry. This analog
voltage is the reference setpoint for the LED current regulation loop of the module. The analog value of the
setpoint is determined by the period and duty cycle of the PWM output, the time constant of the R/C circuitry
and the voltage swing of the PWM output driver. The NLM0011/NLM0010 provides only the setpoint definition of
the LED current of the regulation loop. The NLM0011/NLM0010 does not execute the regulation loop or any
parts of the regulation loop. Within LED lighting systems the setpoint definition is usually called "ISET".
Some LED drivers/ controller accept the direct PWM input and convert the PWM data into a setpoint value
internally. In that case no R/C circuitry is needed between the NLM0011 /NLM0010 and the LED driver.
A complete application example based on Infineon XDPL8105 LED controller is shown next:
NLM0011/ NLM0010 " NFC-PWM Series "
NFC Wireless Configuration IC with PWM Output
Application Overview
Datasheet
5
2.0
2019-05-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com