Electronic Components Datasheet Search
  English  ▼

X  

NLM0010 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # NLM0010
Description  NLM0011/ NLM0010 " NFC-PWM Series " NFC Wireless Configuration IC with PWM Output
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

NLM0010 Datasheet(HTML) 2 Page - Infineon Technologies AG

  NLM0010 Datasheet HTML 1Page - Infineon Technologies AG NLM0010 Datasheet HTML 2Page - Infineon Technologies AG NLM0010 Datasheet HTML 3Page - Infineon Technologies AG NLM0010 Datasheet HTML 4Page - Infineon Technologies AG NLM0010 Datasheet HTML 5Page - Infineon Technologies AG NLM0010 Datasheet HTML 6Page - Infineon Technologies AG NLM0010 Datasheet HTML 7Page - Infineon Technologies AG NLM0010 Datasheet HTML 8Page - Infineon Technologies AG NLM0010 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
1
General
General information of NLM0011/ NLM0010 are given here.
The NLM0011/NLM0010 belongs to the "NFC-PWM Series" product family and is used in LED lighting
applications together with a current adjustable LED driver.
The NLM0011/NLM0010 operates in two operating modes:
•
Configuration Mode - exclusively used to configure the device via NFC
The NLM0011/NLM0010 enables a LED lighting module manufacturer to configure the LED lighting control
of the module according to the characteristics of connected LED light. This configuration step completes
the LED module manufacturing process and can be done contactless without powering the LED module.
The final configuration of the LED module is done via Near Field Communication (NFC) between the
configuration station and the LED module. The NLM0011/NLM0010 chip provides the NFC transceiver
functions of the LED module and includes a non volatile memory (NVM) for storing the configuration data.
The configuration data usually consist of the LED driver current setpoint value and a life time adjustment .
The life time adjustment function compensates the aging effect of the LEDs by adjusting the LED setpoint
current value according to the accumulated operating hours of the LEDs (NLM0011 only). Therefore the
NLM0011 counts the operating hours of the connected LED and adjusts the LED current set point value to a
aging function, which is configured via near field communication during the configuration step. In
configuration mode, the content of the NVM can be read out via NFC by an external NFC reader. In
configuration mode the NLM0011/NLM0010 is powered by the harvested energy of the NFC field. The device
only enters the configuration mode, if the external supply voltage VCC is switched off, before applying the
NFC field. After completion of NFC configuration the NFC field has to be removed before applying a supply
on pin VCC in order to release the configuration as valid. The configuration mode is left by removing the NFC
reader field. During NFC configuration mode the PWM output is inactive and switched to High Impedance
("High-Z").
•
Lighting Operational Mode - exclusively used to provide a stored configuration in lighting application
In lighting Operational Mode the NLM0011/NLM0010 is powered from the external Vcc source of the lighting
module. The NLM0011/NLM0010 enters the lighting operational mode, if an external VCC source is present
and the device is not in configuration mode. After powering up, means applying external VCC and no NFC
field is present, when applying external VCC, the NLM0011/NLM0010 reads the LED current setpoint value
configuration from the integrated NVM and configures a pulse width modulation (PWM) unit. The PWM
cycle period and duty cycle contain the information of the LED current setpoint value. The PWM data are
output of the chip and will be converted into an analog value externally or directly delivered to the LED
controller (depending on the used external LED controller). The operation hours are counted and the LED
current setpoint value is adjusted according to the aging function by changing the PWM output accordingly
(NLM0011 only). That also implies that the NLM0011/NLM0010 accumulates the overall operating hours of
the LEDs . That also requires to count the power on times, to store the current value of operating hours
periodically into the NVM and to detect a power off event of the lighting system, in order to store the
current value of operating hours at the moment of power off. In lighting operational mode the NLM0011/
NLM0010 does not communicate and does not respond to external NFC link partners and hence no external
NVM access is possible. That means applying an NFC field to the device which already entered the lighting
operational does not have any effect.
NLM0011/ NLM0010 " NFC-PWM Series "
NFC Wireless Configuration IC with PWM Output
General
Datasheet
2
2.0
2019-05-31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com