Electronic Components Datasheet Search
  English  ▼

X  

AFE7906 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906 Datasheet(HTML) 34 Page - Texas Instruments

Back Button AFE7906 Datasheet HTML 30Page - Texas Instruments AFE7906 Datasheet HTML 31Page - Texas Instruments AFE7906 Datasheet HTML 32Page - Texas Instruments AFE7906 Datasheet HTML 33Page - Texas Instruments AFE7906 Datasheet HTML 34Page - Texas Instruments AFE7906 Datasheet HTML 35Page - Texas Instruments AFE7906 Datasheet HTML 36Page - Texas Instruments AFE7906 Datasheet HTML 37Page - Texas Instruments AFE7906 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
6.11.2 RX Typical Characteristics at 800MHz (continued)
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52MSPS
(decimate by 6), PLL clock mode with fREF = 491.52MHz, AIN = –3 dBFS, DSA setting = 4 dB.
Supply Voltages
-156
-155.8
-155.6
-155.4
-155.2
-155
-154.8
-154.6
-154.4
-154.2
-154
MIN
TYP
MAX
1RX
2RX
3RX
4RX
With 0.8 GHz matching, 12.5-MHz offset, all supplies at MIN, TYP, or MAX recommended operating voltages
Figure 6-80. RX Noise Spectral Density vs Supply and Channel at 0.8 GHz
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com