Electronic Components Datasheet Search
  English  ▼

X  

AFE7906 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE7906 Datasheet HTML 45Page - Texas Instruments AFE7906 Datasheet HTML 46Page - Texas Instruments AFE7906 Datasheet HTML 47Page - Texas Instruments AFE7906 Datasheet HTML 48Page - Texas Instruments AFE7906 Datasheet HTML 49Page - Texas Instruments AFE7906 Datasheet HTML 50Page - Texas Instruments AFE7906 Datasheet HTML 51Page - Texas Instruments AFE7906 Datasheet HTML 52Page - Texas Instruments AFE7906 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
6.11.5 RX Typical Characteristics 3.5GHz (continued)
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52MSPS
(decimate by 6), PLL clock mode with fREF = 491.52MHz, AIN = –3 dBFS, DSA setting = 4 dB.
Input Level (dBFS)
-30
-25
-20
-15
-10
-5
0
-110
-105
-100
-95
-90
-85
-80
-75
-70
Temp=-40qC
Temp=25qC
Temp=110qC
With 3.5 GHz matching, DDC bypass mode (TI only mode for
characterization)
Figure 6-161. RX HD3 vs Input Level and Temperature at 3.6
GHz
Input Amplitude (dBFS)
-100 -90
-80
-70
-60
-50
-40
-30
-20
-10
0
-120
-110
-100
-90
-80
-70
-60
-40
C
25
C
110
C
External clock mode, 2x Decimation
Figure 6-162. RX HD3 vs Input Level at 3.76GHz
External clock mode, 25°C, 2x Decimation
Figure 6-163. RX HD3 vs Input Level
Input Level (dBFS)
-30
-25
-20
-15
-10
-5
0
-160
-158
-156
-154
-152
-150
-148
-146
-144
-142
-140
1RX, DSA=4dB
1RX, DSA=12dB
2RX, DSA=4dB
2RX, DSA=12dB
3RX, DSA=4dB
3RX, DSA=12dB
4RX, DSA=4dB
4RX, DSA=12dB
With 3.5 GHz matching, 12.5-MHz offset from tone
Figure 6-164. RX Noise Spectral Density vs Input Level and DSA
Setting at 3.6 GHz
External clock mode, 25°C, 2x Decimation
Figure 6-165. RX Noise Spectral Density vs Input Level at
3.76GHz
Input Amplitude (dBFS)
-30
-25
-20
-15
-10
-5
0
70
75
80
85
90
95
100
105
110
1RX
2RX
3RX
4RX
With 3.5 GHz matching
Figure 6-166. RX In-Band SFDR (±200 MHz) vs Input Level and
Channel at 3.6 GHz
www.ti.com
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com