Electronic Components Datasheet Search
  English  ▼

X  

AFE7906 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906 Datasheet(HTML) 42 Page - Texas Instruments

Back Button AFE7906 Datasheet HTML 38Page - Texas Instruments AFE7906 Datasheet HTML 39Page - Texas Instruments AFE7906 Datasheet HTML 40Page - Texas Instruments AFE7906 Datasheet HTML 41Page - Texas Instruments AFE7906 Datasheet HTML 42Page - Texas Instruments AFE7906 Datasheet HTML 43Page - Texas Instruments AFE7906 Datasheet HTML 44Page - Texas Instruments AFE7906 Datasheet HTML 45Page - Texas Instruments AFE7906 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
6.11.4 RX Typical Characteristics 2.6GHz (continued)
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52MSPS
(decimate by 6), PLL clock mode with fREF = 491.52MHz, AIN = –3 dBFS, DSA setting = 4 dB.
External clock mode
Figure 6-123. RX IMD3 vs Tone Spacing at 2.6 GHz (Ext. Clock)
DSA Setting (dB)
2
4
6
8
10
12
14
16
18
20
-100
-95
-90
-85
-80
-75
-70
-65
-60
1RX
2RX
3RX
4RX
With 2.6 GHz matching, DDC bypass mode (TI only mode for
characterization)
Figure 6-124. RX HD2 vs DSA Setting and Channel at 2.6 GHz
Input Level (dBFS)
-30
-25
-20
-15
-10
-5
0
-110
-105
-100
-95
-90
-85
-80
-75
-70
Temp=-40qC
Temp=25qC
Temp=110qC
With 2.6 GHz matching, DDC bypass mode (TI only mode for
characterization)
Figure 6-125. RX HD2 vs Input Level and Temperature at 2.6
GHz
Input Amplitude (dBFS)
-100 -90
-80
-70
-60
-50
-40
-30
-20
-10
0
-120
-115
-110
-105
-100
-95
-90
-85
-80
-40
C
25
C
110
C
External clock mode
Figure 6-126. RX HD2 vs Input Level and Temperature at 2.6
GHz
DSA Setting (dB)
2
4
6
8
10
12
14
16
18
20
-100
-95
-90
-85
-80
-75
-70
-65
-60
1RX
2RX
3RX
4RX
With 2.6 GHz matching, DDC bypass mode (TI only mode for
characterization)
Figure 6-127. RX HD3 vs DSA Setting and Channel at 2.6 GHz
DSA Setting (dBc)
2
4
6
8
10
12
14
16
18
-100
-95
-90
-85
-80
-75
-70
-65
-60
Temp=-40qC
Temp=-25qC
Temp=110qC
With 2.6 GHz matching, DDC bypass mode (TI only mode for
characterization)
Figure 6-128. RX HD3 vs DSA Setting and Temperature at 2.6
GHz
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com