Electronic Components Datasheet Search
  English  ▼

X  

AFE7906 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE7906 Datasheet HTML 9Page - Texas Instruments AFE7906 Datasheet HTML 10Page - Texas Instruments AFE7906 Datasheet HTML 11Page - Texas Instruments AFE7906 Datasheet HTML 12Page - Texas Instruments AFE7906 Datasheet HTML 13Page - Texas Instruments AFE7906 Datasheet HTML 14Page - Texas Instruments AFE7906 Datasheet HTML 15Page - Texas Instruments AFE7906 Datasheet HTML 16Page - Texas Instruments AFE7906 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
6.6 PLL/VCO/Clock Electrical Characteristics (continued)
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; Reference clock input frequency
491.52MHz (unless otherwise noted), phase noise normalized to fVCO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Coupling
AC
Coupling
Only
REFCLK input impedance(2)
Parallel resistance
100
Ω
Parallel capacitance
0.5
pF
(1)
Single Sideband, not including the reference clock contribution
(2)
Refer to S11 data available from TI for impedance vs frequency
www.ti.com
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com