Electronic Components Datasheet Search
  English  ▼

X  

AFE7906 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AFE7906 Datasheet HTML 35Page - Texas Instruments AFE7906 Datasheet HTML 36Page - Texas Instruments AFE7906 Datasheet HTML 37Page - Texas Instruments AFE7906 Datasheet HTML 38Page - Texas Instruments AFE7906 Datasheet HTML 39Page - Texas Instruments AFE7906 Datasheet HTML 40Page - Texas Instruments AFE7906 Datasheet HTML 41Page - Texas Instruments AFE7906 Datasheet HTML 42Page - Texas Instruments AFE7906 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
6.11.3 RX Typical Characteristics 1.75GHz to 1.9GHz (continued)
Typical values at TA = +25°C, ADC Sampling Rate = 2949.12 GHz. Default conditions: output sample rate = 491.52MSPS
(decimate by 6), PLL clock mode with fREF = 491.52MHz, AIN = –3 dBFS, DSA setting = 4 dB.
Input Amplitude (dBFS)
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
-120
-110
-100
-90
-80
-70
-60
-50
1RX, DSA=4dB
1RX, DSA=12dB
2RX, DSA=4dB
2RX, DSA=12dB
3RX, DSA=4dB
3RX, DSA=12dB
4RX, DSA = 4dB
4RX, DSA = 12dB
With 1.8 GHz matching, fin = 1900MHz, DDC bypass mode (TI
only mode for characterization)
Figure 6-105. RX HD3 vs Input Level and Channel at 1.9 GHz
Input Amplitude (dBFS)
-30
-27
-24
-21
-18
-15
-12
-9
-6
-3
0
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-40 qC, DSA=4dB
-40 qC, DSA=12dB
25 qC, DSA=4dB
25 qC, DSA=12dB
110 qC, DSA=4dB
110 qC, DSA=12dB
With 1.8 GHz matching, fin = 1900MHz, DDC bypass mode (TI
only mode for characterization)
Figure 6-106. RX HD3 vs Input Level and Temperature at 1.9
GHz
Input Amplitude (dBFS)
-30
-25
-20
-15
-10
-5
0
65
70
75
80
85
90
95
1RX,
2RX
3RX
4RX
With 1.8 GHz matching, decimated by 3
Figure 6-107. RX In-Band SFDR (±400 MHz) vs Input Amplitude
at 1.75 GHz
DSA (dB)
0
2
4
6
8
10
12
14
16
79
79.2
79.4
79.6
79.8
80
80.2
80.4
80.6
80.8
81
1RX
2RX
3RX
4RX
With 1.8 GHz matching
Figure 6-108. RX Non-HD2/3 vs DSA Setting at 1.75 GHz
Supply Voltage
-104
-102
-100
-98
-96
-94
-92
-90
-88
-86
-84
MIN
TYP
MAX
1RX
2RX
3RX
4RX
With 1.8 GHz matching, –7 dBFS each tone, 20-MHz tone
spacing, all supplies at MIN, TYP, or MAX recommended
operating voltages
Figure 6-109. RX IMD3 vs Supply and Channel at 1.75 GHz
Supply Voltages
-156
-155.5
-155
-154.5
-154
-153.5
-153
-152.5
-152
-151.5
-151
MIN
TYP
MAX
1RX
2RX
3RX
4RX
With 1.8 GHz matching, 12.5-MHz offset, all supplies at MIN,
TYP, or MAX recommended operating voltages
Figure 6-110. RX Noise Spectral Density vs Supply and Channel
at 1.75 GHz
www.ti.com
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com