Electronic Components Datasheet Search
  English  ▼

X  

AFE7906 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE7906 Datasheet HTML 7Page - Texas Instruments AFE7906 Datasheet HTML 8Page - Texas Instruments AFE7906 Datasheet HTML 9Page - Texas Instruments AFE7906 Datasheet HTML 10Page - Texas Instruments AFE7906 Datasheet HTML 11Page - Texas Instruments AFE7906 Datasheet HTML 12Page - Texas Instruments AFE7906 Datasheet HTML 13Page - Texas Instruments AFE7906 Datasheet HTML 14Page - Texas Instruments AFE7906 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
6.5 RF ADC Electrical Characteristics (continued)
Typical values at TA = +25°C, full temperature range is TA,MIN = -40°C to TJ,MAX = +110°C; RX Output Rate = 491.52MSPS
below 6GHz input frequency and 1500MSPS above 6GHz input frequency, fADC = 2949.12MSPS; PLL clock mode with fREF
= 491.52MHz below 6GHz input frequency and External clock mode with fCLK = 2949.12MHz above 6GHz input frequency;
nominal power supplies; DSA Setting =3dB; SerDes rate =24.33Gbps; unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HD3
3rd Harmonic Distortion
AIN = -13 dBFS
fIN = 5 MHz, fADC = 1500MSPS, fNCO
= 17MHz, Decimate by 48
-103
dBFS
fIN = 30 MHz, fADC = 1500MSPS,
Bypass Mode (TI only test mode)
-84
fIN = 381 MHz, fADC = 3000MSPS,
Bypass Mode (TI only test mode)
-91
fIN = 830 MHz
-95
fIN = 1760 MHz
-95
fIN = 2610 MHz
-98
fIN = 3610 MHz
-97
fIN = 4910 MHz
-94
fIN = 8150 MHz
-100
fIN = 9610 MHz
-102
HDn, n>3
SFDR excl. HD2 and HD3
AIN = -13 dBFS
fIN = 5 MHz, fADC = 1500MSPS, fNCO
= 17MHz, Decimate by 48
-104
dBFS
fIN = 30 MHz, fADC = 1500MSPS, fNCO
= 30MHz, Decimate by 24
-105
fIN = 410 MHz, fADC =
3000MSPS, fNCO = 400MHz,
Decimate by 24
-95
fIN = 830 MHz
-89
fIN = 1760 MHz
-89
fIN = 2610 MHz
-95
fIN = 3610 MHz
-90
fIN = 4910 MHz
-90
fIN = 8150 MHz
-83
fIN = 9610 MHz
-80
RX-RX/FB
Isolation
Near Channel:
1RXIN to 2RXIN
3RXIN to 4RXIN
1FBIN to 1RXIN
2FBIN to 3RXIN
fIN = 5 MHz, fADC = 1500MSPS, fNCO
= 17MHz, Decimate by 48
-98
dB
fIN = 30 MHz, fADC = 1500MSPS, fNCO
= 30MHz, Decimate by 24
-98
fIN = 400 MHz
-88
fIN = 830 MHz
-77
fIN = 1760 MHz
-71
fIN = 2610 MHz
-74
fIN = 3610 MHz
-77
fIN = 4910 MHz
-65
fIN = 8150 MHz
-68
fIN = 9610 MHz
-68
(1)
The input fullscale at minimum attenuation can be reduce by adding a digital gain range to the DSA, extending the useful range of the
DSA. The noise figure remains constant over the digital gain range.
(2)
After HD2 trim on specific printed circuit board.
(3)
From DSA = 3dB down to 0dB, NSD increases 1dB per DSA dB
(4)
NF increase 1dB per DSA 1dB above DSA = 3dB
www.ti.com
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com