Electronic Components Datasheet Search
  English  ▼

X  

AFE7906 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906 Datasheet(HTML) 4 Page - Texas Instruments

  AFE7906 Datasheet HTML 1Page - Texas Instruments AFE7906 Datasheet HTML 2Page - Texas Instruments AFE7906 Datasheet HTML 3Page - Texas Instruments AFE7906 Datasheet HTML 4Page - Texas Instruments AFE7906 Datasheet HTML 5Page - Texas Instruments AFE7906 Datasheet HTML 6Page - Texas Instruments AFE7906 Datasheet HTML 7Page - Texas Instruments AFE7906 Datasheet HTML 8Page - Texas Instruments AFE7906 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply Voltage
Range
DVDD0P9, VDDT0P9
–0.3
1.2
V
VDD1P2RX, VDD1P2TXCLK, VDD1P2TXENC, VDD1P2PLL,
VDD1P2PLLCLKREF, VDD1P2FB, VDD1P2FBCML,
VDD1P2RXCML
–0.3
1.4
V
VDD1P8RX, VDD1P8RXCLK, VDD1P8TX, VDD1P8TXDAC,
VDD1P8TXENC, VDD1P8PLL, VDD1P8PLLVCO, VDD1P8FB,
VDD1P8FBCLK, VDD1P8GPIO, VDDA1P8
–0.5
2.1
V
Pin Volatge
Range
{1/2/3/4}RXIN+/-
–0.5 VDDRX1P8+0.3
V
1FBIN+/-, 2FB+/-
–0.5 VDDFB1P8+0.3
V
REFCLK+/-, SYSREF+/-
–0.3
1.4
V
{1:8}STX+/-
–0.3
1.4
V
GPIO{B/C/D/E}x, SPICLK, SPISDIO, SPISDO, SPISEN, RESETZ,
BISTB0, BISTB1
–0.5
VDD1P8GPIO +
0.3
V
IFORCE, VSENSE
–0.3
VDDCLK1P8 +
0.3
V
SRDAMUX1, SRDAMUX2
–0.3
VDDA1P8+0.3
V
Peak Input
Current
any input
20
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
1000
V
Charged device model (CDM), per ANSI/ESDA/
JEDEC JS-002, all pins(2)
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard
ESD control process. Manufacturing with less than 250-V CDM is possible if necessary precautions are taken.
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com