Electronic Components Datasheet Search
  English  ▼

X  

AFE7906 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AFE7906
Description  AFE7906 6-Channel, 5-MHz to 12-GHz RF Sampling Receiver with 3-GSPS ADCs
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE7906 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE7906 Datasheet HTML 20Page - Texas Instruments AFE7906 Datasheet HTML 21Page - Texas Instruments AFE7906 Datasheet HTML 22Page - Texas Instruments AFE7906 Datasheet HTML 23Page - Texas Instruments AFE7906 Datasheet HTML 24Page - Texas Instruments AFE7906 Datasheet HTML 25Page - Texas Instruments AFE7906 Datasheet HTML 26Page - Texas Instruments AFE7906 Datasheet HTML 27Page - Texas Instruments AFE7906 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
6.11.1 RX Typical Characteristics 30 MHz and 400 MHz (continued)
Typical values at TA = +25°C. Default conditions at 30MHz: ADC Sampling Rate = 1500 MSPS, output sample rate = 62.5
MSPS (decimate by 24x), PLL clock mode with fREF = 500 MHz, AIN = –3 dBFS, DSA setting = 3 dB. Default conditions at
400 MHz: ADC Sampling Rate = 1500 MSPS, output sample rate = 125 MSPS (decimate by 12x), PLL clock mode with fREF
= 500 MHz, AIN = –3 dBFS, DSA setting = 3 dB.
Normalized to 4000 MHz
Figure 6-29. RX In-Band Gain Flatness, fIN = 400 MHz
Differential Amplitude Error = PIN(DSA Setting – 1) – PIN(DSA
Setting) + 1
Figure 6-30. RX Uncalibrated Differential Amplitude Error vs
DSA Setting at 30 MHz
Differential Amplitude Error = PIN(DSA Setting – 1) – PIN(DSA
Setting) + 1
Figure 6-31. RX Calibrated Differential Amplitude Error vs DSA
Setting at 400 MHz
Integrated Amplitude Error = PIN(DSA Setting) – PIN(DSA
Setting = 0) + (DSA Setting)
Figure 6-32. RX Uncalibrated Integrated Amplitude Error vs
DSA Setting at 400 MHz
AFE7906
SBASAF7B – JANUARY 2022 – REVISED JULY 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AFE7906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com