Electronic Components Datasheet Search
  English  ▼

X  

AD4684 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4684
Description  1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4684 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4684 Datasheet HTML 24Page - Analog Devices AD4684 Datasheet HTML 25Page - Analog Devices AD4684 Datasheet HTML 26Page - Analog Devices AD4684 Datasheet HTML 27Page - Analog Devices AD4684 Datasheet HTML 28Page - Analog Devices AD4684 Datasheet HTML 29Page - Analog Devices AD4684 Datasheet HTML 30Page - Analog Devices AD4684 Datasheet HTML 31Page - Analog Devices AD4684 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
Data Sheet
AD4684/AD4685
OUTLINE DIMENSIONS
©2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 32 of 32
Figure 49. 16-Lead Lead Frame Chip Scale Package [LFCSP]
3 mm × 3 mm Body and 0.75 mm Package Height
(CP-16-45)
Dimensions shown in millimeters
Updated: May 23, 2022
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
Marking
Code
AD4684BCPZ-RL
–40°C to +125°C
16-Lead LFCSP (3 mm x 3 mm x 0.75 mm w/ EP)
Reel, 5000
CP-16-45
CAQ
AD4684BCPZ-RL7
–40°C to +125°C
16-Lead LFCSP (3 mm x 3 mm x 0.75 mm w/ EP)
Reel, 1500
CP-16-45
CAQ
AD4685BCPZ-RL
–40°C to +125°C
16-Lead LFCSP (3 mm x 3 mm x 0.75 mm w/ EP)
Reel, 5000
CP-16-45
CAR
AD4685BCPZ-RL7
–40°C to +125°C
16-Lead LFCSP (3 mm x 3 mm x 0.75 mm w/ EP)
Reel, 1500
CP-16-45
CAR
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1, 2
Description
EVAL-AD7386FMCZ
AD7386 Evaluation Board
1 Z = RoHS Compliant Part.
2 Use the EVAL-AD7386FMCZ to evaluate the AD4684 and the AD4683.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com