Electronic Components Datasheet Search
  English  ▼

X  

AD4684 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4684
Description  1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4684 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4684 Datasheet HTML 15Page - Analog Devices AD4684 Datasheet HTML 16Page - Analog Devices AD4684 Datasheet HTML 17Page - Analog Devices AD4684 Datasheet HTML 18Page - Analog Devices AD4684 Datasheet HTML 19Page - Analog Devices AD4684 Datasheet HTML 20Page - Analog Devices AD4684 Datasheet HTML 21Page - Analog Devices AD4684 Datasheet HTML 22Page - Analog Devices AD4684 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
AD4684/AD4685
MODES OF OPERATION
analog.com
Rev. 0 | 19 of 32
OVERSAMPLING
Oversampling is a common method used in analog electronics
to improve the accuracy of the ADC result. Multiple samples of
the analog input are captured and averaged to reduce the noise
component from quantization noise and thermal noise (kTC) of the
ADC. The AD4684/AD4685 offer a rolling average oversampling
function on chip.
The rolling average oversampling functionality is enabled by writing
a 1 on the OS_MODE bit and a valid nonzero value on OSR,
Bits[2:0], in the CONFIGURATION1 register. Oversampling can be
disabled by writing 0 on the OS_MODE bit and a zero value on
OSR, Bits[2:0] in the CONFIGURATION1 register.
Rolling Average Oversampling
Rolling average oversampling mode can be used in applications
where higher output data rates are required and where higher
SNR or dynamic range is desirable. Rolling average oversampling
involves taking a number of samples, adding the samples together,
and dividing the result by the number of samples taken. This result
is then output from the device. The sample data is not cleared when
the process is completed. The rolling oversampling mode uses a
first in, first out (FIFO) buffer of the most recent samples in the
averaging calculation, allowing the ADC throughput rate and output
data rate to stay the same. Rolling average oversampling mode is
configured by setting the OS_MODE bit to Logic 1 and having a
valid nonzero value in the OSR bits. The oversampling ratio of the
digital filter is controlled using the OSR bits. Table 9 provides the
oversampling bit decoding to select the different oversample rates.
The output result is decimated to 16-bit resolution for the AD4684/
AD4685. If additional resolution is required, this resolution can be
achieved by configuring the RES bit in the CONFIGURATION1
register. See the Resolution Boost section for further details.
In rolling average oversampling mode, all ADC conversions are
controlled and initiated by the falling edge of CS. When a conver-
sion is complete, the result is loaded into the FIFO. The FIFO
length is eight regardless of the oversampling ratio set. The FIFO is
filled on the first conversion after a power-on reset (POR), the first
conversion after a software controlled hard or soft reset, or the first
conversion after the REFSEL bit is toggled. A new conversion result
is shifted into the FIFO on completion of every ADC conversion,
regardless of the status of the OSR bits and the OS_MODE bit.
This shift allows a seamless transition from no oversampling to roll-
ing average oversampling, or different rolling average oversampling
ratios without waiting for the FIFO to fill.
The number of samples, n, defined by the OSR bits, are taken from
the FIFO, added together, and the result is divided by n. The time
between CS falling edges is the cycle time that can be controlled by
the user, depending on the desired data output rate.
Figure 36 shows the rolling average oversampling mode configura-
tion.
Table 9. Rolling Average Oversampling Overview for the AD4684
Oversampling Ratio
Throughput Rate (kSPS)
SNR (dB Typical)
VREF = 2.5 V
VREF = 3.3 V
RES = 0
RES = 1
RES = 0
RES = 1
Disabled
1000
86.1
86.1
88.1
88.2
2
1000
87.9
88.3
89.4
89.9
4
1000
90.5
91.3
91.8
92.8
8
1000
92.8
94.2
93.7
95.6
Figure 36. Rolling Average Oversampling Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com