Electronic Components Datasheet Search
  English  ▼

X  

AD4684 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4684
Description  1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4684 Datasheet(HTML) 4 Page - Analog Devices

  AD4684 Datasheet HTML 1Page - Analog Devices AD4684 Datasheet HTML 2Page - Analog Devices AD4684 Datasheet HTML 3Page - Analog Devices AD4684 Datasheet HTML 4Page - Analog Devices AD4684 Datasheet HTML 5Page - Analog Devices AD4684 Datasheet HTML 6Page - Analog Devices AD4684 Datasheet HTML 7Page - Analog Devices AD4684 Datasheet HTML 8Page - Analog Devices AD4684 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Data Sheet
AD4684/AD4685
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 32
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REFERENCE INPUT AND OUTPUT
VREF Input
External reference
Voltage Range
2.49
3.4
V
Current
0.47
0.51
mA
VREF Output Voltage
At 25°C
2.498
2.5
2.502
V
−40°C to +125°C
2.496
2.5
2.505
V
VREF Temperature Coefficient
1
10
ppm/°C
VREF Noise
7
µV rms
DIGITAL INPUTS (SCLK, SDI, CS)
Logic Levels
Input Voltage
Low (VIL)
0.2 × VLOGIC
V
High (VIH)
0.8 × VLOGIC
V
Input Current
Low (IIL)
−1
+1
µA
High (IIH)
−1
+1
µA
DIGITAL OUTPUTS (SDOA, SDOB/ALERT)
Output Voltage
Low (VOL)
Sink current (ISINK) = 300 µA
0.4
V
High (VOH)
Source current (ISOURCE) = −300 µA
VLOGIC − 0.3
V
Floating State
Leakage Current
±1
µA
Output Capacitance
10
pF
POWER SUPPLIES
VCC
3.0
3.3
3.6
V
External reference = 3.3 V
3.2
3.3
3.6
V
VLOGIC
1.65
3.6
V
VCC Current (IVCC)
Normal Mode (Operational)
AD4684, 1 MSPS
7
8.5
mA
AD4685, 500 kSPS
5
6
mA
Normal Mode (Static)
2.2
3
mA
Shutdown Mode
100
200
µA
VLOGIC Current (IVLOGIC)
Normal Mode (Operational)
SDOA and SDOB at 0x1FFF
0.8
1
mA
Normal Mode (Static)
10
200
nA
Shutdown Mode
10
200
nA
Power Dissipation
Total Power (PTOTAL) (Operational)
27
35
mW
VCC Power (PVCC)
Normal Mode (Operational)
AD4684, 1 MSPS
24
31
mW
AD4685, 500 kSPS
17
22
mW
Normal Mode (Static)
7.3
10.8
mW
Shutdown Mode
330
720
μW
VLOGIC Power (PVLOGIC)
Normal Mode (Operational)
SDOA and SDOB at 0x1FFF
2.6
3.6
mW
Normal Mode (Static)
33
720
nW
Shutdown Mode
33
720
nW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com