Electronic Components Datasheet Search
  English  ▼

X  

AD4684 Datasheet(PDF) 13 Page - Analog Devices

Part # AD4684
Description  1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4684 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD4684 Datasheet HTML 9Page - Analog Devices AD4684 Datasheet HTML 10Page - Analog Devices AD4684 Datasheet HTML 11Page - Analog Devices AD4684 Datasheet HTML 12Page - Analog Devices AD4684 Datasheet HTML 13Page - Analog Devices AD4684 Datasheet HTML 14Page - Analog Devices AD4684 Datasheet HTML 15Page - Analog Devices AD4684 Datasheet HTML 16Page - Analog Devices AD4684 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
AD4684/AD4685
TERMINOLOGY
analog.com
Rev. 0 | 13 of 32
Differential Nonlinearity (DNL)
In an ideal ADC, code transitions are 1 LSB apart. DNL is the
maximum deviation from this ideal value. DNL is often specified in
terms of resolution for which no missing codes are guaranteed.
Integral Nonlinearity (INL)
INL is the deviation of each individual code from a line drawn from
negative full scale through positive full scale. The point used as
negative full scale occurs ½ LSB before the first code transition.
Positive full scale is defined as a level 1½ LSB beyond the last
code transition. The deviation is measured from the middle of each
code to the true straight line.
Gain Error
The first transition (from 000…000 to 000…001) must occur at a
level ½ LSB above nominal negative full scale. The last transition
(from 111…110 to 111…111) occurs for an analog voltage 1½ LSB
below the nominal full scale. The gain error is the deviation of the
difference between the actual level of the last transition and the
actual level of the first transition from the difference between the
ideal levels.
Gain Error Temperature Drift
The gain error change due to a temperature change of 1°C.
Gain Error Match
Gain error match is the difference in negative full-scale error be-
tween the input channels and the difference in positive full-scale
error between the input channels.
Offset Error
The first transition must occur at a level ½ LSB above analog
ground. The offset error is the deviation of the actual transition from
that point.
Offset Error Temperature Drift
The zero error change due to a temperature change of 1°C.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels (dB), between the rms amplitude
of the input signal and the peak spurious signal.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic compo-
nents to the rms value of a full-scale input signal and is expressed
in decibels.
Signal-to-Noise-and-Distortion (SINAD)
SINAD is the ratio of the rms value of the actual input signal to the
rms sum of all other spectral components that are less than the
Nyquist frequency, including harmonics but excluding dc. The value
for SINAD is expressed in decibels.
Channel to Channel Memory
Channel to channel memory is a measure of the level of crosstalk
between channels in sequencer mode. It is measured by applying a
full-scale signal of a specific frequency in one analog input channel
of the ADC and determining how much that signal is attenuated in
the alternate ADC channel, when a full-scale signal of different fre-
quency is applied. The figure given is the typical value in decibels
and is measured for both ADC A and ADC B.
Power Supply Rejection Ratio (PSRR)
Variations in power supply affect the full-scale transition but not the
linearity of the converter. Power supply rejection is the maximum
change in the full-scale transition point due to the change in the
power supply voltage from the nominal value. PSRR is the ratio of
power in the ADC output at full-scale frequency, f, to the power of a
100 mV p-p sine wave applied to the VCC supply of the ADC of the
FS frequency.
PSRR (dB) = 10log(Pf/Pfs)
where:
Pf is equal to the power at f in the ADC output.
Pfs is equal to the power at full-scale coupled onto the VCC supply.
Aperture Delay
Aperture delay is the measure of the acquisition performance and
is the time between the falling edge of the CS input and when the
input signal is held for a conversion.
Aperture Jitter
Aperture jitter is the variation in aperture delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com