Electronic Components Datasheet Search
  English  ▼

X  

AD4684 Datasheet(PDF) 17 Page - Analog Devices

Part # AD4684
Description  1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4684 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD4684 Datasheet HTML 13Page - Analog Devices AD4684 Datasheet HTML 14Page - Analog Devices AD4684 Datasheet HTML 15Page - Analog Devices AD4684 Datasheet HTML 16Page - Analog Devices AD4684 Datasheet HTML 17Page - Analog Devices AD4684 Datasheet HTML 18Page - Analog Devices AD4684 Datasheet HTML 19Page - Analog Devices AD4684 Datasheet HTML 20Page - Analog Devices AD4684 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
AD4684/AD4685
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 17 of 32
POWER SUPPLY
The typical application circuit in Figure 33 can be powered by a sin-
gle 5 V (V+) voltage source that supplies the whole signal chain.
The 5 V supply can come from a low noise, CMOS low dropout
(LDO) regulator (for example, the ADP7105). The driver amplifier
supply is provided by +5 V (V+) and −2.5 V (V−), which is derived
from the inverter (for example, the ADM660). The inverter then
converts +5 V to −5 V and supplies this voltage to the ADP7182 low
noise voltage regulator to output −2.5 V.
The two independent supplies of the AD4684/AD4685, VCC and
VLOGIC, that supply the analog circuitry and digital interface, respec-
tively, can be supplied by a low quiescent current LDO regulator like
the ADP166. The ADP166 is a suitable supply with a fixed output
voltage range from 1.2 V to 3.3 V for typical VCC and VLOGIC levels.
Decouple both the VCC supply and the VLOGIC supply separately
with a 1 µF capacitor, placed close to the AD4684/AD4685 and
connected using short and wide traces, to provide low impedance
paths and reduce the glitches in the power supply lines. Additional-
ly, there is an internal LDO regulator to supply the AD4684/AD4685.
The on-chip regulator provides a 1.9 V supply for internal use on
the device only. Decouple the REGCAP pin with a 1 µF capacitor
to GND with short and wide traces and place the capacitor close to
the AD4684/AD4685 REGCAP and GND pins.
Power-Up
The AD4684/AD4685 are not easily damaged in power supply
sequencing. VCC and VLOGIC can be applied in any sequence.
An external reference must be applied after VCC and VLOGIC are ap-
plied. Analog and digital signals must be applied after the external
reference is applied.
The AD4684/AD4685 require a tPOWERUP time from applying VCC
and VLOGIC until the ADC conversion results are stable. Figure 4
shows the recommended power-up timing and condition with CS
held high. It is recommended and a good practice to perform a
software reset after power-up. See the Software Reset section for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com