Electronic Components Datasheet Search
  English  ▼

X  

AD4684 Datasheet(PDF) 20 Page - Analog Devices

Part # AD4684
Description  1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4684 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD4684 Datasheet HTML 16Page - Analog Devices AD4684 Datasheet HTML 17Page - Analog Devices AD4684 Datasheet HTML 18Page - Analog Devices AD4684 Datasheet HTML 19Page - Analog Devices AD4684 Datasheet HTML 20Page - Analog Devices AD4684 Datasheet HTML 21Page - Analog Devices AD4684 Datasheet HTML 22Page - Analog Devices AD4684 Datasheet HTML 23Page - Analog Devices AD4684 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Data Sheet
AD4684/AD4685
MODES OF OPERATION
analog.com
Rev. 0 | 20 of 32
Oversampling in Sequencer Mode
While in sequencer mode, oversampling on the AINx0 and AINx1
channels can be performed in the AD4684/AD4685. There is a
two-cycle latency before the register update and start conversion
in oversampling mode and the AD4684/AD4685 automatically cycle
through AINx0 and AINx1. Figure 37 shows the timing diagram of the
rolling average oversampling in sequencer mode.
To perform oversampling in sequencer mode, write a nonzero
value to enable the OSR bits in the CONFIGURATION1 register
to select the number of samples to average. In addition, set the
OS_MODE bit to 1, while simultaneously setting the SEQ bit in the
CONFIGURATION1 register to 1.
Figure 37. Rolling Average Oversampling Sequencer Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com