Electronic Components Datasheet Search
  English  ▼

X  

AD4684 Datasheet(PDF) 8 Page - Analog Devices

Part # AD4684
Description  1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4684 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD4684 Datasheet HTML 4Page - Analog Devices AD4684 Datasheet HTML 5Page - Analog Devices AD4684 Datasheet HTML 6Page - Analog Devices AD4684 Datasheet HTML 7Page - Analog Devices AD4684 Datasheet HTML 8Page - Analog Devices AD4684 Datasheet HTML 9Page - Analog Devices AD4684 Datasheet HTML 10Page - Analog Devices AD4684 Datasheet HTML 11Page - Analog Devices AD4684 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Data Sheet
AD4684/AD4685
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 8 of 32
Figure 6. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 10
GND
Ground Reference Point. These pins are the ground reference points for all circuitry on the device.
2
VLOGIC
Logic Interface Supply Voltage, 1.65 V to 3.6 V. Decouple this pin to GND with a 1 µF capacitor.
3
REGCAP
Decoupling Capacitor Pin for Voltage Output from Internal Regulator. Decouple this pin to GND with a 1 µF capacitor. The voltage
at this pin is 1.9 V typical.
4
VCC
Power Supply Input Voltage, 3.0 V to 3.6 V. Decouple this pin to GND using a 1 µF capacitor.
5, 6
AINB1, AINB0
Analog Inputs of ADC B.
7, 8
AINA1, AINA0
Analog Inputs of ADC A.
9
REFCAP
Decoupling Capacitor Pin for Band Gap Reference. Decouple this pin to GND with a 0.1 µF capacitor. The voltage at this pin is 2.5
V typical. If the device is configured for external reference operation, the 0.1 µF capacitor is not required.
11
REFIO
Reference Input/Output. The on-chip reference of 2.5 V is available as an output on this pin for external use if the device is
configured accordingly. Alternatively, an external reference of 2.5 V to 3.3 V can be input to this pin. The REFSEL bit in the
CONFIGURATION1 register must be set correctly when choosing the reference voltage source. Decoupling is required on this pin
for both the internal and external reference options. A 1 μF capacitor must be applied from this pin to GND.
12
CS
Chip Select Input. Active low, logic input. This input provides the dual function of initiating conversions and framing the serial data
transfer.
13
SDOA
Serial Data Output A. This pin functions as a serial data output pin to access the ADC A or ADC B conversion results or data from
any of the on-chip registers.
14
SDOB/ALERT
Serial Data Output B (SDOB). This pin functions as a serial data output pin to access the ADC B conversion results.
Alert Indication Output (ALERT). This pin operates as an alert pin going low to indicate that a conversion result exceeded a
configured threshold.
15
SDI
Serial Data Input. This input provides the data written to the on-chip control registers.
16
SCLK
Serial Clock Input. This serial clock input is for data transfers to and from the ADC.
EPAD
Exposed Pad. For correct operation of the device, the exposed pad must be connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com