Electronic Components Datasheet Search
  English  ▼

X  

AD4685 Datasheet(PDF) 18 Page - Analog Devices

Part # AD4685
Description  1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4685 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4685 Datasheet HTML 14Page - Analog Devices AD4685 Datasheet HTML 15Page - Analog Devices AD4685 Datasheet HTML 16Page - Analog Devices AD4685 Datasheet HTML 17Page - Analog Devices AD4685 Datasheet HTML 18Page - Analog Devices AD4685 Datasheet HTML 19Page - Analog Devices AD4685 Datasheet HTML 20Page - Analog Devices AD4685 Datasheet HTML 21Page - Analog Devices AD4685 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Data Sheet
AD4684/AD4685
MODES OF OPERATION
analog.com
Rev. 0 | 18 of 32
The AD4684/AD4685 have several on-chip configuration registers
for controlling the operational mode of the device.
CHANNEL SELECTION
The ADC channel pairs for conversion (AINA0 and AINB0, AINA1
and AINB1) are selected by setting the CH bit in the CONFIGURA-
TION1 register. If the CH bit is set to 0, the AINA0 and AINB0
channels simultaneously convert. Alternatively, if the CH bit is set
to 1, the AINA1 and AINB1 channels are selected for simultaneous
conversion.
If the channel to convert is changing, the ADC requires addition-
al settling time. The maximum throughput rate when changing
between the AINx0 and AINx1 channels is 500 kSPS for the AD4684
and 250 kSPS for the AD4685.
SEQUENCER
The AD4684/AD4685 can be configured to automatically cycle
through the AINx0 and AINx1 channels using the on-chip sequencer.
The sequencer is controlled via the SEQ bit in the CONFIGURA-
TION1 register. If the SEQ bit is set to 0, the sequencer is disabled.
If SEQ is set to 1, the sequencer is enabled. The CH bit is not
queried for the sequencer mode. The sequencer always starts at
the AINx0 channels and then moves to the AINx1 channels. After
converting the AINx1 channel, the sequencer loops back to the
AINx0 channels and the sequence restarts.
If the channel to convert is changing, the ADC requires addition-
al settling time. The maximum throughput rate when changing
between AINx0 and AINx1 channels is 500 kSPS for the AD4684
and 250 kSPS for the AD4685.
Figure 34 shows the manual channel selection setup, and Figure 35
shows the channel sequencer setup.
Figure 34. Manual Channel Selection Setup
Figure 35. Channel Sequencer Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com