Electronic Components Datasheet Search
  English  ▼

X  

AD4685 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4685
Description  1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4685 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4685 Datasheet HTML 19Page - Analog Devices AD4685 Datasheet HTML 20Page - Analog Devices AD4685 Datasheet HTML 21Page - Analog Devices AD4685 Datasheet HTML 22Page - Analog Devices AD4685 Datasheet HTML 23Page - Analog Devices AD4685 Datasheet HTML 24Page - Analog Devices AD4685 Datasheet HTML 25Page - Analog Devices AD4685 Datasheet HTML 26Page - Analog Devices AD4685 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
AD4684/AD4685
INTERFACE
analog.com
Rev. 0 | 23 of 32
The interface to the AD4684/AD4685 is via an SPI. The interface
consists of the CS, SCLK, SDOA, SDOB/ALERT, and SDI pins.
The CS signal frames a serial data transfer and initiates an ADC
conversion process. The falling edge of CS puts the track-and-hold
into hold mode at which point the analog input is sampled and the
bus is taken out of three-state.
The SCLK signal synchronizes data in and out of the device via
the SDOA, SDOB, and SDI signals. A minimum of 16 SCLKs
are required for a write to or read from a register. The minimum
number of SCLK pulses for a conversion read is dependent on the
resolution of the device and the configuration settings.
The ADC conversion operation is driven internally by an on-board
oscillator and is independent of the SCLK signal.
The AD4684/AD4685 have two serial output signals, SDOA and
SDOB. To achieve the highest throughput, use both SDOA and
SDOB, 2-wire mode, to read the conversion results. If a reduced
throughput is required or oversampling is used, it is possible to
use 1-wire mode, SDOA signal only, for reading conversion results.
Programming the SDO bit in the CONFIGURATION2 register con-
figures 2-wire or 1-wire mode.
Configuring a cyclic redundancy check (CRC) operation for SPI
reads, SPI writes, and oversampling modes alters the operation
of the interface. The relevant CRC Read, CRC Write, and CRC
Polynomial sections of this data sheet must be consulted to ensure
correct operation.
READING CONVERSION RESULTS
The CS signal initiates the conversion process. A high to low transi-
tion on the CS signal initiates a simultaneous conversion of both
ADCs, ADC A and ADC B. The AD4684/AD4685 have a one-cycle
readback latency. Therefore, the conversion results are available
on the next SPI access. Then, take the CS signal low, and the
conversion result clocks out on the SDOA and SDOB/ALERT pin.
The next conversion is also initiated at this point. The conversion
result is shifted out of the device as a 16-bit word for the AD4684/
AD4685. The MSB of the conversion result is shifted out on the CS
falling edge. The remaining data is shifted out of the device under
the control of the serial clock (SCLK) input. The data is shifted out
on the rising edge of SCLK, and the data bits are valid on both the
falling edge and the rising edge. After the final SCLK falling edge,
take CS high again to return the SDOA and SDOB/ALERT pins to a
high impedance state.
The number of SCLK cycles to propagate the conversion results on
the SDOA and SDOB/ALERT pins is dependent on the serial mode
of operation configured and if resolution boost is enabled (see
Figure 42 and Table 10 for details). If CRC reading is enabled, addi-
tional SCLK pulses are required to propagate the CRC information
(see the CRC section for more details). As the CS signal initiates a
conversion, as well as framing the data, access must be completed
within a single frame.
Figure 42. Reading Conversion Results
Table 10. Number of SCLKs, n, Required for Reading Conversion Results
Interface Configuration
Resolution Boost Mode
CRC Read
Number of SCLK Pulses
2-Wire
Disabled
Disabled
16
Enabled
24
Enabled
Disabled
18
Enabled
26
1-Wire
Disabled
Disabled
32
Enabled
40
Enabled
Disabled
36
Enabled
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com