Electronic Components Datasheet Search
  English  ▼

X  

AD4685 Datasheet(PDF) 3 Page - Analog Devices

Part # AD4685
Description  1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4685 Datasheet(HTML) 3 Page - Analog Devices

  AD4685 Datasheet HTML 1Page - Analog Devices AD4685 Datasheet HTML 2Page - Analog Devices AD4685 Datasheet HTML 3Page - Analog Devices AD4685 Datasheet HTML 4Page - Analog Devices AD4685 Datasheet HTML 5Page - Analog Devices AD4685 Datasheet HTML 6Page - Analog Devices AD4685 Datasheet HTML 7Page - Analog Devices AD4685 Datasheet HTML 8Page - Analog Devices AD4685 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD4684/AD4685
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 32
VCC = 3.0 V to 3.6 V, VLOGIC = 1.65 V to 3.6 V, reference voltage (VREF) = 2.5 V internal, sampling frequency (fSAMPLE) = 1 MSPS, TA = −40°C
to +125°C, and no oversampling enabled, unless otherwise noted.
Table 1. Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
16
Bits
THROUGHPUT
Single Channel Pair
SEQ = 0
AD4684
1
MSPS
AD4685
500
kSPS
Alternating Channels
SEQ = 1
AD4684
500
kSPS
AD4685
250
kSPS
DC ACCURACY
No Missing Codes
16
Bits
Differential Nonlinearity (DNL)
−1.0
±0.5
+1.0
LSB
Integral Nonlinearity (INL)
−3.5
±1.5
+3.5
LSB
Gain Error
−0.025
±0.006
+0.025
%FS
Gain Error Temperature Drift
−3
±1
+3
ppm/°C
Gain Error Match
−0.025
±0.006
+0.025
%FS
Offset Error
−0.6
±0.1
+0.6
mV
Offset Error Temperature Drift
−3
±1
+3
µV/°C
Offset Error Match
−0.5
0.12
+0.5
mV
AC ACCURACY
Input frequency (fIN) = 1 kHz
Dynamic Range
VREF = 3.3 V external
87.8
dB
86
dB
Oversampled Dynamic Range
OSR_MODE = 1, OSR = 4, RES = 1
91.5
dB
Signal-to-Noise Ratio (SNR)
VREF = 3.3 V external
85.5
87.5
dB
83.5
85.5
dB
OSR_MODE = 1, OSR = 8, RES = 1
93
dB
fIN = 100 kHz
85.3
dB
Spurious-Free Dynamic Range (SFDR)
−100
dB
Total Harmonic Distortion (THD)
VREF = 3.3 V external
−99
dB
−98
dB
fIN = 100 kHz
−96
dB
Signal-to-Noise-and-Distortion (SINAD)
VREF = 3.3 V
85
87.4
dB
83
85.5
dB
Channel to Channel Isolation
−109.7
dB
Channel to Channel Memory
−93.5
dB
ANALOG INPUT
Voltage Input Range
0
VREF
V
DC Leakage Current
0.1
1
µA
Input Capacitance
When in track mode
18
pF
When in hold mode
5
pF
SAMPLING DYNAMICS
Input Bandwidth
At −0.1 dB
5.3
MHz
At −3 dB
22
MHz
Aperture Delay
2
ns
Aperture Delay Match
300
450
ps
Aperture Jitter
20
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com