Electronic Components Datasheet Search
  English  ▼

X  

AD4685 Datasheet(PDF) 30 Page - Analog Devices

Part # AD4685
Description  1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4685 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD4685 Datasheet HTML 24Page - Analog Devices AD4685 Datasheet HTML 25Page - Analog Devices AD4685 Datasheet HTML 26Page - Analog Devices AD4685 Datasheet HTML 27Page - Analog Devices AD4685 Datasheet HTML 28Page - Analog Devices AD4685 Datasheet HTML 29Page - Analog Devices AD4685 Datasheet HTML 30Page - Analog Devices AD4685 Datasheet HTML 31Page - Analog Devices AD4685 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Data Sheet
AD4684/AD4685
REGISTERS
analog.com
Rev. 0 | 30 of 32
Table 16. Bit Descriptions for CONFIGURATION2
Bits
Bit Name
Description
Reset
Access
8
SDO
SDO. Conversion results serial data output.
0x0
R/W
0: 2-wire—conversion data are output on both SDOA and SDOB/ALERT pins.
1: 1-wire—conversion data are output on SDOA pin only.
[7:0]
RESET
Reset. 0x3C—performs a soft reset. Refreshes some blocks. Register contents remain unchanged. Clears the
alert register and flushes any oversampling stored variables or active state machine. 0xFF—performs a hard reset.
Resets all possible blocks in the device. Register contents are set to defaults. All other values are ignored.
0x0
R/W
ALERT REGISTER
Address: 0x3, Reset: 0x0000, Name: Alert
Table 17. Bit Descriptions for Alert
Bits
Bit Name
Description
Reset
Access
[15:12]
ADDRESSING
Addressing. Bits[15:12] define the address of the relevant register. See the Addressing Registers section for further
details.
0x0
R
[11:10]
RESERVED
Reserved.
0x0
R
9
CRCW_F
CRC Error. Indicates that a register write command failed due to a CRC error. This fault bit is sticky and remains
set until the register is read.
0x0
R
0: no CRC error.
1: CRC error.
8
SETUP_F
Load Error. The SETUP_F bit indicates that the device configuration data did not load correctly on startup. This bit
does not clear on an alert register read. A hard reset via the CONFIGURATION2 register is required to clear this bit
and restart the device setup again.
0x0
R
0: no setup error.
1: setup error.
[7:6]
RESERVED
Reserved.
0x0
R
5
AL_B_HIGH
Alert B High. The alert indication high bits indicate if a conversion result for the respective input channel exceeds
the value set in the ALERT_HIGH_THRESHOLD register. This fault bit is sticky and remains set until the register is
read.
0x0
R
1: alert indication.
0: no alert indication.
4
AL_B_LOW
Alert B Low. The alert indication low bits indicate if a conversion result for the respective input channel exceeds
the value set in the ALERT_LOW_THRESHOLD register. This fault bit is sticky and remains set until the register is
read.
0x0
R
1: alert indication.
0: no alert indication.
[3:2]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com