Electronic Components Datasheet Search
  English  ▼

X  

AD74115H Datasheet(PDF) 39 Page - Analog Devices

Part # AD74115H
Description  Single-Channel, Software Configurable Input and Output with HART Modem
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115H Datasheet(HTML) 39 Page - Analog Devices

Back Button AD74115H Datasheet HTML 35Page - Analog Devices AD74115H Datasheet HTML 36Page - Analog Devices AD74115H Datasheet HTML 37Page - Analog Devices AD74115H Datasheet HTML 38Page - Analog Devices AD74115H Datasheet HTML 39Page - Analog Devices AD74115H Datasheet HTML 40Page - Analog Devices AD74115H Datasheet HTML 41Page - Analog Devices AD74115H Datasheet HTML 42Page - Analog Devices AD74115H Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 113 page
background image
Data Sheet
AD74115H
THEORY OF OPERATION
analog.com
Rev. 0 | 39 of 113
Short-Circuit Protection and Detection
The current from the AD74115H is limited by the programmable
DAC code.
In current input loop powered mode, the digital input comparator is
enabled by default to detect a short circuit.
The digital input comparator is enabled with a threshold voltage
of AVDD/2 and with the output inverted. During normal operation,
the voltage on I/OP is typically within 5 V of the VAVDD. If the
load is short circuited to ground, the voltage on the I/OP is pulled
to ground. When the voltage on the I/OP screw terminal falls to
less than the programmed threshold level, the comparator trips low,
setting the ANALOG_IO_SC bit in the ALERT_STATUS register.
Interpreting ADC Data
In current input loop, powered mode, the ADC, by default, meas-
ures the current flowing from the AD74115H into the I/OP screw
terminal through the RSENSE in a 25 mA range. Use the ADC meas-
urement result to calculate the current with the following equation:
IRSENSE= ADC_CODE
65,536 ×VoltageRange
RSENSE
where:
IRSENSEisthemeasuredcurrentinamps.
ADC_CODE is the value of the ADC_RESULT1 register.
Voltage Range is the full ADC span of the ADC range and is 2.5 V.
RSENSE is the sense resistor, which has a value of 100 Ω.
Current Input, Loop Powered with HART
Compatibility Mode
This mode is a HART-compatible version of the current input, loop
powered mode. However, the current source is not programmable;
therefore, configuring of the DACs is not needed. A current-limit
source of typically 30 mA is enabled when the current input, loop
powered with HART mode is selected.
The mode can provide resistive termination in current input, loop
powered mode. Input impedance is set to a minimum of 230 Ω to be
compliant with the HART receive impedance.
Resistance Measurement (2-Wire RTD)
The resistance measurement configuration biases an external 2-
wire RTD with a voltage derived from a 2.5 V bias. The resultant
excitation current flows through the 2 kΩ and 100 Ω resistors
(shown as RPULLUP in Figure 38). This configuration ensures an
accurate ratiometric measurement. The 16-bit, Σ-∆ ADC automat-
ically digitizes the voltage across the RTD. The low excitation
current ensures that the power dissipated by the RTD is minimized,
reducing self heating. See Figure 38 for an example of the RTD
bias circuit.
Figure 38. RTD Bias Circuit
It is essential that the AGND_SENSE pin connects to the low-side
of the measured RTD. Figure 39 shows the current, voltage, and
measurement paths of the resistance measurement configuration.
The resistance measurement mode can be used for 2-wire RTD
measurements, but also as a diagnostic of the attached load. Load
impedance can be used for load detection techniques or to help to
determine the health of the load over time.
Figure 39. Resistance Measurement Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com