Electronic Components Datasheet Search
  English  ▼

X  

AD74115H Datasheet(PDF) 49 Page - Analog Devices

Part # AD74115H
Description  Single-Channel, Software Configurable Input and Output with HART Modem
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115H Datasheet(HTML) 49 Page - Analog Devices

Back Button AD74115H Datasheet HTML 45Page - Analog Devices AD74115H Datasheet HTML 46Page - Analog Devices AD74115H Datasheet HTML 47Page - Analog Devices AD74115H Datasheet HTML 48Page - Analog Devices AD74115H Datasheet HTML 49Page - Analog Devices AD74115H Datasheet HTML 50Page - Analog Devices AD74115H Datasheet HTML 51Page - Analog Devices AD74115H Datasheet HTML 52Page - Analog Devices AD74115H Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 113 page
background image
Data Sheet
AD74115H
THEORY OF OPERATION
analog.com
Rev. 0 | 49 of 113
Interpreting ADC Data
The ADC is not required for digital input operation. However, the
ADC is available for voltage and current measurements when the
digital input, loop powered mode is enabled. In digital input, loop
powered mode, the ADC, by default, measures the voltage across
the I/OP to I/ON screw terminals in a 0 V to 12 V range. Use
the ADC measurement result to calculate this voltage by using the
following equation:
VADC = (ADC_CODE/65,536) × Voltage Range
where:
VADC is the measured voltage in volts.
ADC_CODE is the value of the ADC_RESULT1 register.
Voltage Range is 12 V, the measurement range of the ADC.
Digital Output
The AD74115H supports sourcing and sinking digital outputs. An
internal digital output function is available for sourcing or sinking up
to 100 mA continuous current. For currents higher than 100 mA,
use the external digital output function. A push-pull feature is also
available that combines both the source and sink capabilities to
provide high speed, high voltage switching.
When the digital output functionality is enabled, the recommended
configuration of the CH_FUNC_SETUP register is to set it to high
impedance.
Sourcing and Sinking Currents Greater Than
100 mA
The external sourcing digital output operates with an external,
P-channel field effect transistor (PFET), and the sinking digital
output operates with external N-channel FET (NFET). Push-pull
mode uses both PFET and NFET. Choose the FET types to suit the
application requirements. Determine the absolute current value by
the RSET and short-circuit voltage values. Short-circuit voltages are
indicated in the Table 11.
Configure the digital output using the DO_EXT_CONFIG register:
►
Select source, sink, or push-pull capability by using the
DO_EXT_MODE bits.
►
Select the source of the data for the digital output circuit using
the DO_EXT_SRC_SEL bit. The digital output data can be pro-
vided by the SPI (via the DO_DATA_EXT bit) or by the GPIO_B
pin for direct hardware control of the circuits.
►
Configure the short-circuit timers using the DO_EXT_T1 and
DO_EXT_T2 bits. See the Short-Circuit Protection section for
more information on short-circuit functionality. Note that T1 short-
circuit limits are not available in push-pull mode
Once the configuration settings are applied, provide stimulus to
turn on the selected external FET. For SPI control, a new write is re-
quired to the DO_EXT_CONFIG register, to set the DO_DATA_EXT
bit. Setting the DO_DATA_EXT to 1 turns on the selected external
FET. In push-pull mode, set the bit to 0 to drive a low on the output
and to 1 to drive a high on the output.
For GPIO control, configure the GPIO_x pin to control the digital
output circuit by writing 0x0004 to the GPIO_CONFIGx register.
Drive the GPIO_x pin high to turn on the FET. In push-pull mode,
set the GPIO_x pin low for a low on the output and high for a high
on the output.
If changing from one digital output function to another, first disable
the digital output function before changing to the new mode (set
DO_EXT_MODE to digital output external disable).
Figure 46 shows the current and voltage paths of the sourcing
digital output mode with the external FET. Figure 47 shows the
current and voltage paths of the sinking digital output mode with the
external FETs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com