Electronic Components Datasheet Search
  English  ▼

X  

AD74115H Datasheet(PDF) 12 Page - Analog Devices

Part # AD74115H
Description  Single-Channel, Software Configurable Input and Output with HART Modem
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115H Datasheet(HTML) 12 Page - Analog Devices

Back Button AD74115H Datasheet HTML 8Page - Analog Devices AD74115H Datasheet HTML 9Page - Analog Devices AD74115H Datasheet HTML 10Page - Analog Devices AD74115H Datasheet HTML 11Page - Analog Devices AD74115H Datasheet HTML 12Page - Analog Devices AD74115H Datasheet HTML 13Page - Analog Devices AD74115H Datasheet HTML 14Page - Analog Devices AD74115H Datasheet HTML 15Page - Analog Devices AD74115H Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 113 page
background image
Data Sheet
AD74115H
SPECIFICATIONS
analog.com
Rev. 0 | 12 of 113
Table 11. Digital Outputs (Sourcing and Sinking)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Propagation Delay1
From the SYNC rising or the GPIO edge (whichever is in use) to
a 0.5 V transition on the I/OP screw terminal
Propagation High Time, tPH, and
Propagation Low Time, tPL, Internal
FETs
4
μs
tPH and tPL, External FETs
7
μs
FET CISS < 1 nF
Transition Time1
10% to 90% of the transition on the I/OP screw terminal
Rise, tR, and Fall, tF, Internal FETs
2
μs
tR and tF External FETs
5
μs
1 Guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com