Electronic Components Datasheet Search
  English  ▼

X  

AD74115H Datasheet(PDF) 52 Page - Analog Devices

Part # AD74115H
Description  Single-Channel, Software Configurable Input and Output with HART Modem
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD74115H Datasheet(HTML) 52 Page - Analog Devices

Back Button AD74115H Datasheet HTML 48Page - Analog Devices AD74115H Datasheet HTML 49Page - Analog Devices AD74115H Datasheet HTML 50Page - Analog Devices AD74115H Datasheet HTML 51Page - Analog Devices AD74115H Datasheet HTML 52Page - Analog Devices AD74115H Datasheet HTML 53Page - Analog Devices AD74115H Datasheet HTML 54Page - Analog Devices AD74115H Datasheet HTML 55Page - Analog Devices AD74115H Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 113 page
background image
Data Sheet
AD74115H
THEORY OF OPERATION
analog.com
Rev. 0 | 52 of 113
Sourcing and Sinking Currents up to 100 mA
Internal FETs are available to source or sink up to 100 mA continu-
ous current. A 200 mA start-up current is also accommodated. Us-
ing the internal FETs to provide the digital output current eliminates
the need for external FETs. Push-pull mode uses both the sourcing
and sinking internal FETs. Configure the digital output using the
DO_INT_CONFIG register:
►
Select source, sink, or push-pull capability using the
DO_INT_MODE bits.
►
Select the source of the data for the digital output circuit using
the DO_INT_SRC_SEL bit. The digital output data can be provid-
ed by SPI (via the DO_DATA_INT bit) or by the GPIO_C pin for
faster output rates.
►
Configure the short-circuit timers using the DO_INT_T1 and
DO_INT_T2 bits. See the Short-Circuit Detection section for
more information on short-circuit functionality. Note that T1 short-
circuit limits are not available in push-pull mode.
Once the configuration settings are applied, a new write is required
to the DO_INT_CONFIG register, to set the DO_DATA_INT bit.
Setting the DO_DATA_INT to 1 turns on the selected FET. In
push-pull mode, set the bit to 0 to drive a low on the output and to 1
to drive a high on the output.
For GPIO control, configure the GPIO_x pinto control the digital
output circuit by writing 0x0004 to the GPIO_CONFIGx register.
Drive the GPIO_x pin high to turn on the FET. In push-pull mode,
set the pin low for a low on the output and high for a high on the
output.
If changing from one digital output function to another, first disable
the digital output function before changing to the new mode (set
DO_INT_MODE to digital output internal disable).
The power and isolation companion chip, ADP1034, can provide
the power required to operate the AD74115H in digital output
mode (using the internal FETs) sourcing continuous currents up to
100 mA. The ADP1034 also accommodates the 200 mA start-up
current. In this case, the AVDD pin can be externally connected to
the DO_VDD pin, eliminating the need for an additional DO_VDD
supply source.
Figure 49 shows the current and voltage paths of the digital output
sourcing mode with the internal FET.
Figure 50 shows the current and voltage paths of the digital output
sinking mode with the internal FET.
Figure 49. Digital Output Sourcing Mode with the Internal FET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com