Electronic Components Datasheet Search
  English  ▼

X  

F2910 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2910
Description  Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2910 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2910 Datasheet HTML 1Page - Renesas Technology Corp F2910 Datasheet HTML 2Page - Renesas Technology Corp F2910 Datasheet HTML 3Page - Renesas Technology Corp F2910 Datasheet HTML 4Page - Renesas Technology Corp F2910 Datasheet HTML 5Page - Renesas Technology Corp F2910 Datasheet HTML 6Page - Renesas Technology Corp F2910 Datasheet HTML 7Page - Renesas Technology Corp F2910 Datasheet HTML 8Page - Renesas Technology Corp F2910 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
F2910 Datasheet
© 2020 Renesas Electronics Corporation
3
August 31, 2020
Absolute Maximum Ratings
Stresses beyond those listed below may cause permanent damage to the device. Functional operation of the device at these or any other
conditions beyond those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
VDD to GND
VDD
-0.3
+6.0
V
V1 to GND
VLogic
-0.3
Lower of
(VDD + 0.3V, 3.6V)
V
RF1, RF2 to GND
VRF
-0.3
+0.3
V
RF Input Power Port 1 or 2. Other port terminated into 50 Ω [a]
PRF12
33
dBm
RF Input Power Port 1 in isolation. Port 2 terminated into 50 Ω [a]
PRF1_ISO
23
RF Input Power Port 2 in isolation. Port 1 terminated into 50 Ω [a]
PRF2_ISO
30
Maximum Junction Temperature
Tjmax
+140
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
ElectroStatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
2000
(Class 2)
V
ElectroStatic Discharge – CDM
(JEDEC 22-C101F)
VESDCDM
1000
(Class C3)
V
a. VDD = 2.7 V to 5.5 V, 30 MHz ≤ FRF ≤ 8000 MHz, Tc = 105°C, ZS = ZL = 50 ohms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com