Electronic Components Datasheet Search
  English  ▼

X  

F2910 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F2910
Description  Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2910 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F2910 Datasheet HTML 1Page - Renesas Technology Corp F2910 Datasheet HTML 2Page - Renesas Technology Corp F2910 Datasheet HTML 3Page - Renesas Technology Corp F2910 Datasheet HTML 4Page - Renesas Technology Corp F2910 Datasheet HTML 5Page - Renesas Technology Corp F2910 Datasheet HTML 6Page - Renesas Technology Corp F2910 Datasheet HTML 7Page - Renesas Technology Corp F2910 Datasheet HTML 8Page - Renesas Technology Corp F2910 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
F2910 Datasheet
© 2020 Renesas Electronics Corporation
5
August 31, 2020
Electrical Characteristics
Table 4. Electrical Characteristics
Typical Application Circuit: VDD = 3.3 V, TCASE = +25 °C, FRF = 2 GHz, Driven Port = RF2, Input power = 0 dBm, ZS = ZL = 50 Ω. PCB board
trace and connector losses are de-embedded unless otherwise noted. IIP2 / IIP3: PIN = 13 dBm / tone, 50 MHz spacing. Performance beyond
5 GHz based on application circuit (Figure 20) using best RF PCB design practices. See note c for details.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Logic Current
IIH, IIL
-1
+1
µA
DC Current
IDD
VDD =3.3 V
190
304 [a]
µA
VDD =5.0 V
220
374
Insertion Loss
IL
0.03 GHz
0.38
dB
0.35 GHz
0.44
1.0 GHz
0.50
0.70 [b]
2.0 GHz
0.55
0.80
3.0 GHz
0.60
0.85
4.0 GHz
0.67
0.90
5.0 GHz
0.75
1.00
6.0 GHz
0.80 [c]
7.0 GHz
1.00 [c]
8.0 GHz
1.55 [c]
Isolation
ISO
0.03 GHz
85
dB
0.35 GHz
66
73
1.0 GHz
55
61
2.0 GHz
45
51
3.0 GHz
40
46
4.0 GHz
35
41
5.0 GHz
30
37
6.0 GHz
33 [c]
7.0 GHz
29 [c]
8.0 GHz
26 [c]
Max RF2 Port
VSWR During Switching
VSWR
Insertion Loss to Isolation
3.3:1
Isolation to Insertion Loss
2.0:1
RF1, RF2 Return Loss
(Insertion Loss State)
RFRL
2.0 GHz
27
dB
3.0 GHz
25
4.0 GHz
20
5.0 GHz
18
6.0 GHz
20 [c]
7.0 GHz
25 [c]
8.0 GHz
13 [c]
a. Items in min/max columns in bold italics are Guaranteed by Test.
b. Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
c. To achieve performance beyond 5 GHz, the use of bypass capacitors (BOM C2, C3, and C5) installed close to the device as embodied in
the evaluation board per the application circuit (Figure 20) is required. See the appropriate Typical Operating Conditions graphs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com