Electronic Components Datasheet Search
  English  ▼

X  

F2910 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # F2910
Description  Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2910 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button F2910 Datasheet HTML 4Page - Renesas Technology Corp F2910 Datasheet HTML 5Page - Renesas Technology Corp F2910 Datasheet HTML 6Page - Renesas Technology Corp F2910 Datasheet HTML 7Page - Renesas Technology Corp F2910 Datasheet HTML 8Page - Renesas Technology Corp F2910 Datasheet HTML 9Page - Renesas Technology Corp F2910 Datasheet HTML 10Page - Renesas Technology Corp F2910 Datasheet HTML 11Page - Renesas Technology Corp F2910 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
F2910 Datasheet
© 2020 Renesas Electronics Corporation
8
August 31, 2020
Typical Performance Characteristics
Figure 4. Insertion Loss vs. Frequency over
Temperature
Figure 5. Isolation vs. Frequency over
Temperature
Figure 6. Return Loss vs. Frequency over
Temp [RF1 Insertion Loss State]
Figure 7. Return Loss vs. Frequency over
Temp [RF2 Insertion Loss State]
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0
2000
4000
6000
8000
10000
Frequency (MHz)
-55C
25C
105C
-100
-90
-80
-70
-60
-50
-40
-30
-20
0
2000
4000
6000
8000
10000
Frequency (MHz)
-55C
25C
105C
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2000
4000
6000
8000
10000
Frequency (MHz)
-55C
25C
105C
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2000
4000
6000
8000
10000
Frequency (MHz)
-55C
25C
105C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com