Electronic Components Datasheet Search
  English  ▼

X  

F2910 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F2910
Description  Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2910 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F2910 Datasheet HTML 2Page - Renesas Technology Corp F2910 Datasheet HTML 3Page - Renesas Technology Corp F2910 Datasheet HTML 4Page - Renesas Technology Corp F2910 Datasheet HTML 5Page - Renesas Technology Corp F2910 Datasheet HTML 6Page - Renesas Technology Corp F2910 Datasheet HTML 7Page - Renesas Technology Corp F2910 Datasheet HTML 8Page - Renesas Technology Corp F2910 Datasheet HTML 9Page - Renesas Technology Corp F2910 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
F2910 Datasheet
© 2020 Renesas Electronics Corporation
6
August 31, 2020
Electrical Characteristics (Cont.)
Typical Application Circuit: VDD = 3.3 V, TCASE = +25 °C, FRF = 2 GHz, Driven Port = RF2, Input power = 0 dBm, ZS = ZL = 50 Ω. PCB board
trace and connector losses are de-embedded unless otherwise noted. IIP2 / IIP3: PIN = 13 dBm / tone, 50 MHz spacing. Performance beyond
5 GHz based on application circuit (Figure 20) using best RF PCB design practices. See note c for details.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
RF2 Return Loss
(Isolation State)
RFRLT
2.0 GHz
27
dB
3.0 GHz
27
4.0 GHz
25
5.0 GHz
20
6.0 GHz
15 [c]
7.0 GHz
12 [c]
8.0 GHz
10 [c]
Input 1dB Compression [d]
ICP1dB
0.03 GHz
34
dBm
3.0 GHz
35
4.0 GHz
35
Input 0.1dB Compression [d]
ICP0.1dB
0.03 GHz
33
dBm
3.0 GHz
34
4.0 GHz
34
Input IP2 [e]
IIP2
F1 = 0.35 GHz, F2 = 0.40 GHz
123
dBm
F1 = 0.95 GHz, F2 = 1.00 GHz
124
F1 = 2.40 GHz, F2 = 2.45 GHz
118
Input IP3 [e]
IIP3
0.03 GHz
65
dBm
0.35 GHz
65
1.00 GHz
68
2.40 GHz
67
Non-RF Driven Spurious [f]
SpurMAX Any port when externally terminated into 50 Ω
-102
dBm
Switching Time [g]
TSW
50% control to 90% RF
265
500
ns
50% control to 10% RF
225
500
50% control to RF settled to within +/- 0.1 dB
of insertion loss value
280
Maximum Switching Rate
SWRATE
25
kHz
Maximum Video Feed-through
on RF Ports
VIDFT
Peak transients during switching.
Measured with 20 ns rise-time,
0 to 3.3 V control pulse
Rise Time
25
mVpp
Fall Time
45
a. Items in min/max columns in bold italics are Guaranteed by Test.
b. Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
c. To achieve performance beyond 5 GHz, the use of bypass capacitors (BOM C2, C3, and C5) installed close to the device as embodied in
the evaluation board per the application circuit (Figure 20) is required. See the appropriate Typical Operating Conditions graphs.
d. The input 0.1 and 1 dB compression point is a linearity figure of merit. Refer to Absolute Maximum Ratings section for the maximum RF
input power.
e. RF1 or RF2 driven IIP2 / IIP3 results when in insertion loss state. IP2 Frequency = F1 + F2.
f. Spurious due to on-chip negative voltage generator. Spurious fundamental is approximately 5.7 MHz.
g. FRF = 1 GHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com