Electronic Components Datasheet Search
  English  ▼

X  

F2910 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F2910
Description  Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2910 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F2910 Datasheet HTML 6Page - Renesas Technology Corp F2910 Datasheet HTML 7Page - Renesas Technology Corp F2910 Datasheet HTML 8Page - Renesas Technology Corp F2910 Datasheet HTML 9Page - Renesas Technology Corp F2910 Datasheet HTML 10Page - Renesas Technology Corp F2910 Datasheet HTML 11Page - Renesas Technology Corp F2910 Datasheet HTML 12Page - Renesas Technology Corp F2910 Datasheet HTML 13Page - Renesas Technology Corp F2910 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
F2910 Datasheet
© 2020 Renesas Electronics Corporation
10
August 31, 2020
Figure 12. Return Loss vs. Frequency With and
Without Capacitors
Figure 13. Return Loss vs. Frequency With and
Without Capacitors [State 0]
Figure 14. Input IP3 vs. Frequency
Figure 15. 1 dB Compression at 3 GHz
Figure 16. Switching Time Isolation to Insertion
loss
Figure 17. Switching Time Insertion Loss to
Isolation
-40
-35
-30
-25
-20
-15
-10
-5
0
2000
4000
6000
8000
10000
Frequency (MHz)
w/C2, C3 and C5 installed
w/C2, C3 and C5 removed
-35
-30
-25
-20
-15
-10
-5
0
2000
4000
6000
8000
10000
Frequency (MHz)
w/C2, C3 and C5 installed
w/C2, C3 and C5 removed
60
62
64
66
68
70
72
74
76
78
80
0
500
1000
1500
2000
2500
Frequency (MHz)
-55C
25C
105C
-2
-1.5
-1
-0.5
0
0.5
1
18
20
22
24
26
28
30
32
34
36
Input Power (dBm)
-55C
25C
105C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com