Electronic Components Datasheet Search
  English  ▼

X  

F2910 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F2910
Description  Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2910 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F2910 Datasheet HTML 1Page - Renesas Technology Corp F2910 Datasheet HTML 2Page - Renesas Technology Corp F2910 Datasheet HTML 3Page - Renesas Technology Corp F2910 Datasheet HTML 4Page - Renesas Technology Corp F2910 Datasheet HTML 5Page - Renesas Technology Corp F2910 Datasheet HTML 6Page - Renesas Technology Corp F2910 Datasheet HTML 7Page - Renesas Technology Corp F2910 Datasheet HTML 8Page - Renesas Technology Corp F2910 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
F2910 Datasheet
© 2020 Renesas Electronics Corporation
2
August 31, 2020
Pin Assignments
Figure 2. Pin Assignments for 2 mm x 2 mm x 0.9 mm 8-VFQFP-N – Top View
RF2
V1
VDD
RF1
NC
GND
GND
NC
F2910
1
2
3
4
8
7
6
5
EP
Pin Descriptions
Table 1. Pin Descriptions
Number
Name
Description
1, 4
NC
This pin may be connected to the paddle and can be grounded.
2, 3
GND
Ground. Also, internally connected to the ground paddle. Ground this pin as close to the device as
possible.
5
RF1
RF1 Port. Matched to 50 Ω in the insertion loss state only. If this pin is not 0 V DC, then an external
coupling capacitor must be used.
6
VDD
Power Supply. Bypass to GND with capacitors shown in the Typical Application Circuit as close as
possible to pin.
7
V1
Logic control pin. See Table 6 for proper logic setting.
8
RF2
RF2 Port. Matched to 50 Ω. If this pin is not 0V DC, then an external coupling capacitor must be used.
EP
Exposed Pad. Internally connected to GND. Solder this exposed pad to a PCB pad that uses multiple
ground vias to provide heat transfer out of the device and into the PCB ground planes. These multiple
ground vias are also required to achieve the specified RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com