Electronic Components Datasheet Search
  English  ▼

X  

F2910 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F2910
Description  Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2910 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F2910 Datasheet HTML 1Page - Renesas Technology Corp F2910 Datasheet HTML 2Page - Renesas Technology Corp F2910 Datasheet HTML 3Page - Renesas Technology Corp F2910 Datasheet HTML 4Page - Renesas Technology Corp F2910 Datasheet HTML 5Page - Renesas Technology Corp F2910 Datasheet HTML 6Page - Renesas Technology Corp F2910 Datasheet HTML 7Page - Renesas Technology Corp F2910 Datasheet HTML 8Page - Renesas Technology Corp F2910 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
F2910 Datasheet
© 2020 Renesas Electronics Corporation
4
August 31, 2020
Recommended Operating Conditions
Table 3. Recommended Operating Conditions
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Power supply voltage
VDD
2.7
5.5
V
Logic Input High Threshold
VIH
2.7 V ≤ VDD ≤ 5.5 V
1.1 [a]
Lower of (VDD, 3.6)
V
Logic Input Low Threshold
VIL
-0.3 [b]
0.6
V
Operating Temperature
Range
TCASE Exposed Paddle Temperature
-55
+105
°C
RF Frequency Range
FRF
30
8000 [c]
MHz
RF Continuous
Input CW Power
(Non-Switched) [d]
PRF
RF1 or RF2 as the input
(Insertion loss state)
Tc = 85 ºC
30
dBm
Tc = 105 ºC
27
RF1 as the input
(Isolation state)
Tc = 85 ºC
20
Tc = 105 ºC
17
RF2 as the input
(Isolation state)
Tc = 85 ºC
27
Tc = 105 ºC
24
RF Continuous
Input Power
(RF Hot Switching CW) [d]
PRFSW
Applied to RF2 input
switching between
Insertion loss to
Isolation states
Tc = 85 ºC
24
dBm
Tc = 105 ºC
21
RF1/2 Port Impedance
ZRFx
Insertion loss state
50
Ω
RF2 Port Impedance
ZRFx
Isolation state
50
Ω
a. Items in min/max columns in bold italics are Guaranteed by Test.
b. Items in min/max columns that are not bold/italics are Guaranteed by Design Characterization.
c. To achieve best performance from 5 – 8 GHz, the use of bypass capacitors as described in the Applications Circuit section is
required.tee
d. Levels based on: VDD = 2.7 V to 5.5 V, 30 MHz ≤ FRF ≤ 8000 MHz, ZS = ZL = 50 ohms. See Figure 3 for power handling
derating vs RF frequency.
Figure 3. Maximum RF Input Operating Power vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com