Electronic Components Datasheet Search
  English  ▼

X  

F2910 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F2910
Description  Constant Impedance K|Z| SPST RF Switch 30MHz to 8000MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2910 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F2910 Datasheet HTML 3Page - Renesas Technology Corp F2910 Datasheet HTML 4Page - Renesas Technology Corp F2910 Datasheet HTML 5Page - Renesas Technology Corp F2910 Datasheet HTML 6Page - Renesas Technology Corp F2910 Datasheet HTML 7Page - Renesas Technology Corp F2910 Datasheet HTML 8Page - Renesas Technology Corp F2910 Datasheet HTML 9Page - Renesas Technology Corp F2910 Datasheet HTML 10Page - Renesas Technology Corp F2910 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
F2910 Datasheet
© 2020 Renesas Electronics Corporation
7
August 31, 2020
Thermal Characteristics
Table 5. Package Thermal Characteristics
Parameter
Symbol
Value
Units
Junction to Ambient Thermal Resistance.
θJA
159.5
°C/W
Junction to Case Thermal Resistance.
(Case is defined as the exposed paddle)
θJC
15.1
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1
Typical Operating Conditions (TOC)
Unless otherwise noted:
VDD = 3.3 V.
ZL = ZS = 50 Ohms Single Ended.
FRF = 2 GHz.
PIN = 13 dBm / tone applied to RF2 port for two tone linearity tests.
Two tone frequency spacing = 50 MHz.
All temperatures are referenced to the exposed paddle.
Evaluation Kit traces and connector losses are de-embedded.
Performance beyond 5 GHz as listed in the Electrical Characteristics is based on the application circuit (Figure 20) with bypass capacitors
(BOM C2, C3, and C5) installed. The capacitors must be installed in close proximity to the device as embodied in the evaluation board
with best practices followed for PCB design. Performance above 5 GHz de-rated as shown in Typical Performance Characteristics plots
Figure 10 to Figure 13 when application circuit with bypass capacitors is not utilized.
Unless otherwise noted, C2, C3 and C5 are installed in following plots.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com