Electronic Components Datasheet Search
  English  ▼

X  

OPA2675RGVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2675RGVR
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2675RGVR Datasheet(HTML) 4 Page - Texas Instruments

  OPA2675RGVR Datasheet HTML 1Page - Texas Instruments OPA2675RGVR Datasheet HTML 2Page - Texas Instruments OPA2675RGVR Datasheet HTML 3Page - Texas Instruments OPA2675RGVR Datasheet HTML 4Page - Texas Instruments OPA2675RGVR Datasheet HTML 5Page - Texas Instruments OPA2675RGVR Datasheet HTML 6Page - Texas Instruments OPA2675RGVR Datasheet HTML 7Page - Texas Instruments OPA2675RGVR Datasheet HTML 8Page - Texas Instruments OPA2675RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
6 Pin Configuration and Functions
NC
(1)
-INA
+INA
GND
NC
(1)
-INB
+INB
A1
1
2
3
4
12
11
10
9
Figure 6-1. RGV Package,
16-Pin VQFN
(Top View)
Figure 6-2. RGV Package,
16-Pin VQFN
(Bottom View)
Table 6-1. Pin Functions
PIN
TYPE(2)
DESCRIPTION
NAME
NO.
A0
8
I
Bias Mode Control
A1
9
I
Bias Mode Control
GND
4
P
Ground
–IN A
2
I
Amplifier A inverting input
+IN A
3
I
Amplifier A noninverting input
–IN B
11
I
Amplifier B inverting input
+IN B
10
I
Amplifier B noninverting input
NC(1)
1, 5, 6,
12, 15
—
Do not connect.
OUT A
16
O
Amplifier A output
OUT B
13
O
Amplifier B output
–VS
7
P
Negative power-supply connection
+VS
14
P
Positive power-supply connection
Thermal Pad
—
Electrically connected to die substrate and VS–. Connect to VS– on the PCB for best performance.
(1)
There is no internal connection. Typically GND is the recommended connection to a heat spreading plane.
(2)
I = input, O = output, P = power, GND = ground, NC = no connect.
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com