Electronic Components Datasheet Search
  English  ▼

X  

OPA2675RGVR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2675RGVR
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2675RGVR Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA2675RGVR Datasheet HTML 12Page - Texas Instruments OPA2675RGVR Datasheet HTML 13Page - Texas Instruments OPA2675RGVR Datasheet HTML 14Page - Texas Instruments OPA2675RGVR Datasheet HTML 15Page - Texas Instruments OPA2675RGVR Datasheet HTML 16Page - Texas Instruments OPA2675RGVR Datasheet HTML 17Page - Texas Instruments OPA2675RGVR Datasheet HTML 18Page - Texas Instruments OPA2675RGVR Datasheet HTML 19Page - Texas Instruments OPA2675RGVR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
7.11 Typical Characteristics: VS = ±6 V Differential, Full Bias (continued)
At TA = +25°C, RF = 511 Ω, RL = 100 Ω Differential, GDIFF = +4 V/V, and GCM = +1 V/V, unless otherwise specified.
Gain (V/V)
-100
-90
-80
-70
-60
1
10
HD2
HD3
VO = 2 VPP, f = 10 MHz
Figure 7-29. Harmonic Distortion vs Noninverting Gain
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com