Electronic Components Datasheet Search
  English  ▼

X  

OPA2675RGVR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2675RGVR
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2675RGVR Datasheet(HTML) 18 Page - Texas Instruments

Back Button OPA2675RGVR Datasheet HTML 14Page - Texas Instruments OPA2675RGVR Datasheet HTML 15Page - Texas Instruments OPA2675RGVR Datasheet HTML 16Page - Texas Instruments OPA2675RGVR Datasheet HTML 17Page - Texas Instruments OPA2675RGVR Datasheet HTML 18Page - Texas Instruments OPA2675RGVR Datasheet HTML 19Page - Texas Instruments OPA2675RGVR Datasheet HTML 20Page - Texas Instruments OPA2675RGVR Datasheet HTML 21Page - Texas Instruments OPA2675RGVR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
7.13 Typical Characteristics: VS = ±6 V, 50% Bias
At TA = +25°C, G = +4 V/V, RF = 402 Ω, and RL = 100 Ω, unless otherwise specified.
Frequency (Hz)
-18
-15
-12
-9
-6
-3
0
3
10M
100M
1G
G = 1 V/V, RF = 511 
G = 1 V/V, RF = 475 
G = 4 V/V, RF = 402 
G = 8 V/V, RF = 250 
.
Figure 7-36. Small-Signal Frequency Response
Frequency (Hz)
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10M
100M
1G
VO = 1 VPP
VO = 2 VPP
VO = 4 VPP
VO = 8 VPP
.
Figure 7-37. Large-Signal Frequency Response
Frequency (Hz)
-110
-100
-90
-80
-70
-60
-50
-40
1M
10M
100M
HD2
HD3
VO = 2 VPP
Figure 7-38. Harmonic Distortion vs Frequency
Output Voltage (VPP)
0
1
2
3
4
5
6
7
8
9
10
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
HD2
HD3
f = 10 MHz
Figure 7-39. Harmonic Distortion vs Output Voltage
Resistance (
)
-100
-95
-90
-85
-80
-75
-70
-65
-60
100
1k
50
HD2
HD3
VO = 2 VPP, f = 10 MHz
Figure 7-40. Harmonic Distortion vs Load Resistance
Gain (V/V)
1
2
3
4
5
6
7
8
9
10
-90
-85
-80
-75
-70
-65
-60
HD2
HD3
VO = 2 VPP, f = 10 MHz
Figure 7-41. Harmonic Distortion vs Noninverting Gain
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com