Electronic Components Datasheet Search
  English  ▼

X  

OPA2675RGVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2675RGVR
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2675RGVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA2675RGVR Datasheet HTML 5Page - Texas Instruments OPA2675RGVR Datasheet HTML 6Page - Texas Instruments OPA2675RGVR Datasheet HTML 7Page - Texas Instruments OPA2675RGVR Datasheet HTML 8Page - Texas Instruments OPA2675RGVR Datasheet HTML 9Page - Texas Instruments OPA2675RGVR Datasheet HTML 10Page - Texas Instruments OPA2675RGVR Datasheet HTML 11Page - Texas Instruments OPA2675RGVR Datasheet HTML 12Page - Texas Instruments OPA2675RGVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
7.7 Electrical Characteristics: 50% Bias Mode VS = ±6 V
At TA = +25°C, A0 = 0 , A1 = 1 (50% Bias ), G = + 4V/V, RF = 402 Ω, and RL = 100 Ω, CL = 1 pF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
G = 4 V/V, RF = 402 Ω, VO = 0.5 VPP
260
MHz
LSBW
Large-signal bandwidth
VO = 4 VPP
140
SR
Slew rate (20% to 80%)
VO = 5-V step
2700
V/µs
HD2
2nd-order harmonic distortion
VO = 2 VPP, 20 MHz, RL = 50 Ω
-66
dBc
HD3
3rd-order harmonic distortion
-70
en
input voltage noise
f ≥ 1 MHz, input-referred
3.2
nV/√Hz
Input offset voltage (each amplifier)
±1.5
±5
mV
TA = –40°C to 85°C
±5.5
IO
Output current (sourcing and sinking)
RL = 4 Ω
±700
±750
mA
RL = 4 Ω, TA = –40°C to 85℃
±600
Short-circuit output current
Sourcing and Sinking
±1300
POWER SUPPLY
IQ
Quiescent current, Total both channels
17
21
mA
TA = –40°C to 85°C
23
7.8 Electrical Characteristics: DIfferential Output VS = 12 V
At TA = +25°C, A0 = A1 = 0 (full power) GDIFF = +16 V/V, RLoad DIFF = 40 Ω , CDIFFERENTIAL = 3pF , CCOMMONMODE = 1pF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
VO = 0.5 VPP DIFF
220
MHz
LSBW
Large-signal bandwidth
VO = 4 VPP DIFF
230
0.1-dB bandwidth flatness
VO = 4 VPP DIFF
50
HD2
2nd-order harmonic distortion
VO = 4 VPP DIFF, 20 MHz
-65
dBc
HD3
3rd-order harmonic distortion
-65
en
Differential input voltage noise
f ≥ 1 MHz, input-referred
3.6
nV/√Hz
7.9 Electrical Characteristics: VS = 5 V
At TA = +25°C, A0 = A1 = 0 (full power), G = +4V/V, RF = 402 Ω, and RL = 100 Ω, unless otherwise noted, VS+ = 5 V and VS–
= 0 V, CL= 1 pF
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
AV = 1 V/V, RF = 511 kΩ, VO = 0.1 VPP
360
MHz
AV = 2 V/V, RF = 475 kΩ, VO = 0.1 VPP
340
AV = 4 V/V, RF = 402 kΩ, VO = 0.1 VPP
260
AV = 8 V/V, RF = 250 kΩ, VO = 0.1 VPP
260
LSBW
Large-signal bandwidth
VO = 2 VPP
220
MHz
0.1-dB bandwidth flatness
VO = 2 VPP
110
SR
Slew rate (20% to 80%)
VO = 2-V step
1100
V/µs
Rise and fall time (10% to 90%)
VO = 2-V step
0.9
ns
HD2
2nd-order harmonic distortion
VO = 1.8 VPP, 5 MHz, RL = 100 Ω
-73
dBc
HD3
3rd-order harmonic distortion
-66
en
input voltage noise
f ≥ 1 MHz, input-referred
2.62
nV/√Hz
www.ti.com
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: OPA2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com