Electronic Components Datasheet Search
  English  ▼

X  

OPA2675RGVR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2675RGVR
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2675RGVR Datasheet(HTML) 20 Page - Texas Instruments

Back Button OPA2675RGVR Datasheet HTML 16Page - Texas Instruments OPA2675RGVR Datasheet HTML 17Page - Texas Instruments OPA2675RGVR Datasheet HTML 18Page - Texas Instruments OPA2675RGVR Datasheet HTML 19Page - Texas Instruments OPA2675RGVR Datasheet HTML 20Page - Texas Instruments OPA2675RGVR Datasheet HTML 21Page - Texas Instruments OPA2675RGVR Datasheet HTML 22Page - Texas Instruments OPA2675RGVR Datasheet HTML 23Page - Texas Instruments OPA2675RGVR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
8.3.1 Operating Suggestions
8.3.1.1 Setting Resistor Values to Optimize Bandwidth
A current-feedback op amp such as the OPA2675 can hold an almost constant bandwidth over signal
gain settings with the proper adjustment of the external resistor values, which are shown in the Typical
Characteristics; the small-signal bandwidth decreases only slightly with increasing gain. These characteristic
curves also show that the feedback resistor is changed for each gain setting. The absolute values of RF on the
inverting side of the circuit for a current-feedback op-amp can be treated as a frequency response compensation
element, whereas the ratios of RF and RG set the signal gain.
Figure 8-2 shows the small-signal frequency response analysis circuit for the OPA2675.
V
O
R
G
V
I
R
I
Z
I
(S) ERR
a
R
F
I
ERR
Figure 8-2. Current-Feedback Transfer Function
Analysis Circuit
600
500
400
300
200
NoiseGain
0
20
10
15
5
Figure 8-3. Feedback Resistor Versus Noise Gain
The key elements of this current-feedback op amp model are:
α = buffer gain from the noninverting input to the inverting input
RI = buffer output impedance
IERR = feedback error current signal
Z(s) = frequency-dependent open-loop transimpedance gain from IERR to VO
NG=NoiseGain=1+
R
G
R
F
(1)
A current-feedback op amp senses an error current in the inverting node (as opposed to a differential input
error voltage for a voltage-feedback op amp) and passes this on to the output through an internal frequency-
dependent transimpedance gain. The Typical Characteristics show this open-loop transimpedance response,
which is analogous to the open-loop voltage gain curve for a voltage-feedback op amp. Refer to the training
videos shown in TI Precision Labs for further understanding on the CFA operating theory.
The values for RF versus gain shown in Figure 8-3 are approximately equal to the values used to generate the
Typical Characteristics and give a good starting point for designs where bandwidth optimization is desired.
8.3.1.2 Output Current and Voltage
The OPA2675 provides output voltage and current capabilities that are unsurpassed in a low-cost dual
monolithic op amp. Under no-load conditions at +25°C, the output voltage typically swings closer than 1.1 V
to either supply rail; the tested (+25°C) swing limit is within 1.2 V of either rail. The OPA2675 is capable of
delivering around 1000 mA of source and sink current at room temperature. Figure 8-4 and Figure 8-5 shows the
relation between current output of the OPA2675 at different temperatures and maximum voltage swing at that
current output under loaded conditions.
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com