Electronic Components Datasheet Search
  English  ▼

X  

OPA2675RGVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2675RGVR
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2675RGVR Datasheet(HTML) 1 Page - Texas Instruments

  OPA2675RGVR Datasheet HTML 1Page - Texas Instruments OPA2675RGVR Datasheet HTML 2Page - Texas Instruments OPA2675RGVR Datasheet HTML 3Page - Texas Instruments OPA2675RGVR Datasheet HTML 4Page - Texas Instruments OPA2675RGVR Datasheet HTML 5Page - Texas Instruments OPA2675RGVR Datasheet HTML 6Page - Texas Instruments OPA2675RGVR Datasheet HTML 7Page - Texas Instruments OPA2675RGVR Datasheet HTML 8Page - Texas Instruments OPA2675RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
OPA2675 Dual, High Output Current
Operational Amplifier With Active Off-Line Control
1 Features
• Wideband operation: 340 MHz (G = 4V/V)
• Unity-gain stable: 730 MHz (G = 1V/V)
• High output current: ±1000 mA
• Active off-line mode for TDMA
• Adjustable power modes:
– Full-bias mode: 16.5 mA/channel
– 75% bias mode: 12.5 mA/channel
– 50% bias mode: 8.5 mA/channel
– Off-Line mode: 2.4 mA/channel
• Bipolar-supply range: ±2.5 V to ±6.5 V
• Single-supply range: 4.5 V to 13 V
• High slew rate: 3500 V/µs
• Overtemperature protection circuit
• Output current limit (±1.3 A)
2 Applications
• Power-line modems
• Matched I/Q channel amplifiers
• Broadband video line drivers
• ARB line drivers
• High cap load drivers
• Ultrasonic-Piezo drivers
3 Description
The OPA2675 provides the high output current
and low distortion required for power-line modem
driver and test and measurement applications. The
OPA2675 operates on power-supplies ranging from
4.5 V to 13 V and consumes a low 16.5 mA/channel
quiescent current to deliver a very high 1000 mA
output current. The OPA2675 can support the most
demanding power-line modem requirements with 850
mA assured minimum output current drive (at 25 °C).
Power control features are included to minimize
system power consumption. Two logic control lines
allow for four quiescent power settings: full power,
75% bias power, 50% bias power and offline mode
with active offline control to present a high impedance
with large signals present at the output pin. The two
channels of OPA2675 can be used independently
as individual op amps or can be configured as a
differential-input to differential-output, high current line
driver.
Package Information(1)(2)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA2675
VQFN (16)
4.00 mm × 4.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
See the Device Comparison Table
348 Ω
2 kΩ
2 kΩ
1 mF
5 Ω
50 Ω
511 Ω
511 Ω
1/2
OPA2675
1/2
OPA2675
+12 V
1:1.4
8 V
PP
5 Ω
+6.0 V
2 V
PP
Single-Supply PLC Line Driver
-
+
–6 V
+6 V
50-
Transmission
Line (TL2)
–
+
–6 V
+6 V
U1
U1
+
VIN
VOUT
OPA2675
OPA2675
RT2
100
RS2
40.2
RG2
35.7
RF2
250
RT1
100
RSOURCE
50
RLOAD
50
RS1
40.2
RG1
35.7
RF1
250
RT
30
50 Ω Transmission Line Driver
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA2675RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2675 TI-OPA2675 Datasheet
2Mb / 37P
OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
APRIL 2022
More results

Similar Description - OPA2675RGVR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
OPA2673 TI-OPA2673 Datasheet
1Mb / 40P
Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
OPA2673 TI-OPA2673_1 Datasheet
1Mb / 40P
Dual, Wideband, High Output Current Operational Amplifier with Active Off-Line Control
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
OPA2613 TI1-OPA2613_14 Datasheet
742Kb / 34P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA2674 TI1-OPA2674_17 Datasheet
1Mb / 36P
Dual Wideband, High Output Current Operational Amplifier with Current Limit
ALM2402F-Q1 TI1-ALM2402F-Q1 Datasheet
543Kb / 23P
Automotive, Dual Operational Amplifier With High Current Output
OPA2675 TI-OPA2675 Datasheet
2Mb / 37P
OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com