Electronic Components Datasheet Search
  English  ▼

X  

OPA2675RGVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2675RGVR
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2675RGVR Datasheet(HTML) 5 Page - Texas Instruments

  OPA2675RGVR Datasheet HTML 1Page - Texas Instruments OPA2675RGVR Datasheet HTML 2Page - Texas Instruments OPA2675RGVR Datasheet HTML 3Page - Texas Instruments OPA2675RGVR Datasheet HTML 4Page - Texas Instruments OPA2675RGVR Datasheet HTML 5Page - Texas Instruments OPA2675RGVR Datasheet HTML 6Page - Texas Instruments OPA2675RGVR Datasheet HTML 7Page - Texas Instruments OPA2675RGVR Datasheet HTML 8Page - Texas Instruments OPA2675RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage
Supply voltage, VS = (VS+) – (VS–)(2)
14
V
Bias control pin voltage, referenced to GND
0
VS- + 14
All pins except VS+, VS– and Bias control pins
VS– – 0.5
VS+ + 0.5
GND Pin
VS– – 0.5
VS+ + 0.5
Output pin: Offline mode
±4.5
Inverting input pin: Offline mode
±1.1
Differential input voltage (each amplifier)
±2
Current
All input pins, current limit
±10
mA
Continuous power dissipation
See Thermal Information
Temperature
Continuous operating junction temperature(3)
139
°C
Maximum junction, TJ (under any condition)(3)
150
Storage, Tstg
–65
150
(1)
Operation outside the Absolute Maximum Rating may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Condition.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
Refer to Breakdown Test.
(3)
The absolute maximum junction temperature for continuous operation is limited by the package constraints. Operation above this
temperature can result in reduced reliability and/or lifetime of the device. The device has thermal protection that shuts down the device
at approximately 180°C junction temperature and recovery at approximately 160°C.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per ANSI/ESDA/JEDEC JS-002, all pins(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage, Dual Supply
±2.5
±6.5
V
VS
Supply voltage, Single Supply
4.5
13
GND
GND pin voltage
VS–
VS+ – 2.5
TA
Ambient operating air temperature
–40
25
85
°C
Thermal Shutdown(1)
180
(1)
OPA2675 has thermal protection that shuts down the device at approximately 180°C junction temperature and recovery at
approximately 160°C.
www.ti.com
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: OPA2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com