Electronic Components Datasheet Search
  English  ▼

X  

OPA2675RGVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2675RGVR
Description  OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2675RGVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA2675RGVR Datasheet HTML 3Page - Texas Instruments OPA2675RGVR Datasheet HTML 4Page - Texas Instruments OPA2675RGVR Datasheet HTML 5Page - Texas Instruments OPA2675RGVR Datasheet HTML 6Page - Texas Instruments OPA2675RGVR Datasheet HTML 7Page - Texas Instruments OPA2675RGVR Datasheet HTML 8Page - Texas Instruments OPA2675RGVR Datasheet HTML 9Page - Texas Instruments OPA2675RGVR Datasheet HTML 10Page - Texas Instruments OPA2675RGVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7.5 Electrical Characteristics: Full Bias and Offline Mode VS = ±6 V (continued)
At TA = +25°C, A0 = A1 = 0 (full power), G = + 4V/V, RF = 402 Ω, and RL = 100 Ω, CL = 1 pF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC PERFORMANCE
ZOL
Open-loop transimpedance gain
400
680
kΩ
TA= –40°C to 85°C
340
Input offset voltage (each amplifier)
±1.5
±5
mV
TA = –40°C to 85°C
±5.5
Input offset voltage mismatching
Amplifier A to B
±0.5
±2.2
TA = –40°C to 85°C
±2.5
Input offset voltage drift
TA = –40°C to 85°C
±3
µV/°C
Noninverting input bias current
±5
±25
µA
Noninverting input bias current
TA = –40°C to 85°C
±28
Inverting input bias current
±6
±30
Inverting input bias current
TA = –40°C to 85°C
±55
INPUT CHARACTERISTICS
CMIR
Common-mode input range
±3.5
±3.6
V
TA= –40°C to 85°C
±3.2
CMRR
Common-mode rejection ratio
62
64
dB
TA = –40°C to 85°C
59
Noninverting input resistance
3 || 1.5
MΩ || pF
Inverting input resistance
10
40
Ω
Shutdown Isolation,Offline Mode
Input to Output Isolation at 1 MHz
85
dB
OUTPUT CHARACTERISTICS
VO
Output voltage swing(2)
No Load
±4.8
±4.9
V
No Load, TA = –40°C to 85℃
±4.7
VO
Output voltage swing(2)
RL = 25 Ω
±4.5
±4.7
V
RL = 25 Ω, TA = –40°C to 85℃
±4.4
IO
Output current (sourcing and sinking)
(2)
RL = 2 Ω
±850
±1000
mA
RL = 2 Ω, TA = –40°C to 85℃
±700
Short-circuit output current
Sourcing and Sinking
±1300
mA
ZOUT
Closed-Loop output impedance
f = 100 kHz
0.4
mΩ
ZO
Open-Loop Output impedance
f = 100 kHz, Offline Mode
25 || 4.5
kΩ || pF
www.ti.com
OPA2675
SBOSAA5B – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA2675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com