Electronic Components Datasheet Search
  English  ▼

X  

CR14 Datasheet(PDF) 12 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 8Page - STMicroelectronics CR14 Datasheet HTML 9Page - STMicroelectronics CR14 Datasheet HTML 10Page - STMicroelectronics CR14 Datasheet HTML 11Page - STMicroelectronics CR14 Datasheet HTML 12Page - STMicroelectronics CR14 Datasheet HTML 13Page - STMicroelectronics CR14 Datasheet HTML 14Page - STMicroelectronics CR14 Datasheet HTML 15Page - STMicroelectronics CR14 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
3 CR14 registers
CR14
12/46
3
CR14 registers
The CR14 chip coupler contains six volatile registers. It is entirely controlled, at both digital and
analog level, using the three registers listed below and shown in Table 2:
●
Parameter Register
●
Input/Output Frame Register
●
Slot Marker Register
The other 3 registers are located at addresses 02h, 04h and 05h. They are “ST Reserved”, and
must not be used in end-user applications.
In the I²C protocol, all data Bytes are transmitted Most Significant Byte first, with each Byte
transmitted Most significant bit first.
Table 2.
CR14 Control Registers
Address
Length
Access
Purpose
00h
Parameter Register
1 Byte
W
Set parameter register
R
Read parameter register
01h
Input/output Frame
Register
36 Bytes
W
Store and send request frame to the PICC.
Wait for PICC answer frame
R
Transfer PICC answered frame data to Host
02h
ST Reserved
NA
W
ST Reserved, must not be used.
R
03h
Slot Marker Register
1 Byte
W
Launch the automated anti-collision
process from Slot_0 to Slot_15
R
Return data FFh
04h
ST Reserved
NA
R and W ST Reserved. Must not be used
05h
ST Reserved
NA
R and W ST Reserved. Must not be used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com