Electronic Components Datasheet Search
  English  ▼

X  

CR14 Datasheet(PDF) 29 Page - STMicroelectronics

Part # CR14
Description  Low Cost ISO14443 type-B Contactless Coupler Chip with Anti-Collision and CRC Management
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR14 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button CR14 Datasheet HTML 25Page - STMicroelectronics CR14 Datasheet HTML 26Page - STMicroelectronics CR14 Datasheet HTML 27Page - STMicroelectronics CR14 Datasheet HTML 28Page - STMicroelectronics CR14 Datasheet HTML 29Page - STMicroelectronics CR14 Datasheet HTML 30Page - STMicroelectronics CR14 Datasheet HTML 31Page - STMicroelectronics CR14 Datasheet HTML 32Page - STMicroelectronics CR14 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
CR14
6 CR14 ISO14443 type-B Radio Frequency data transfer
29/46
6.6
Transmission Format of Answer Frame Characters
The PICC should use the same character format as that used for output data transfer (see
Figure 20).
An Answer Frame includes the SOF, data, CRC and the EOF, as illustrated in Figure 26. The
data transfer rate is 106 kbit/s.
The CR14 will also accept Answer Frames that do not contain the SOF and EOF delimiters,
provided that these Frames are correctly set in the Parameter Register. (See Figure 26).
6.7
Answer Start Of Frame
The PICC SOF must be compliant with the ISO14443 type-B, and is shown in Figure 24
●
Ten or eleven Elementary Time Units (ETU) each containing a logical ‘0’,
●
Two ETUs containing a logical ‘1’.
Figure 24. Answer Start Of Frame
6.8
Answer End Of Frame
The PICC EOF must be compliant with the ISO14443 type-B, and is shown in Figure 25:
●
Ten or eleven Elementary Time Units (ETU) each containing a logical ‘0’,
●
Two ETUs containing a logical ‘1’
Figure 25. Answer End Of Frame
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
ETU
000000000011
ai09254
b12
1
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
ETU
000000000011
ai09254
b12
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com